Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183QUSCD3 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7183QUSCD3
Description  3 Phase Driver IC Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183QUSCD3 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7183QUSCD3 Datasheet HTML 16Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 17Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 18Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 19Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 20Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 21Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 22Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 23Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
TLE7183QU
Data Sheet
20
Rev. 1.1, 2016-01-28
5.3
Shunt Signal Conditioning
The TLE7183QU incorporates a fast and precise operational amplifier for conditioning and amplification of the
current sense shunt signal. A reference bias buffer is integrated to provide an adjustable bias reference for the
three OpAmps. The voltage divider connected to the VRI pin should be less than 50 kOhm. If required at all, the
filtering capacitor should be less than 1.2 µF. The gain of the OpAmp can be adjusted by external resistors within
a range of 5 to 15.
If V(ISP) equals V(ISN), VO provides the reference voltage VRO. Using a voltage divider VRO is usually set to half
of the regulated voltage to allow bi-directional current sensing. The additional buffer permits the adaptation of the
reference bias to different µC I/O voltages.
The output of the I-DC link Opamp VO is not short-circuit proof.
Figure 4
Shunt Signal Conditioning Block Diagram and Overcurrent Limitation
For overcurrent warning, please see Chapter 5.2.2.
VRI
VRO
ISP
ISN
-
+
Rfb
Rfb
Rs
Rs
VTHOC
VO
blanking
time
1.5µs
to Error
logic
overcurrent
Bias
Reference
I-DC Link
OpAmp
OC
Comp
5V
5V
adjustable
overcurrent
limit
to ADC
TLE7183QU
RVRI
RVRI
CVRI
Rshunt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com