Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183QUSCD3 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE7183QUSCD3
Description  3 Phase Driver IC Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183QUSCD3 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE7183QUSCD3 Datasheet HTML 14Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 15Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 16Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 17Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 18Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 19Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 20Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 21Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
TLE7183QU
Data Sheet
18
Rev. 1.1, 2016-01-28
Table 4
Prioritization of Errors
5.2.8
Electrical Characteristics
Priority
Error
1
Short Circuit Detection
2
Undervoltage Shut Down
3
Overvoltage Shut Down
4
Overtemperature Warning
Overcurrent Warning
Electrical Characteristics - Protection and diagnostic functions
V
S = 5.5 to 20V, Tj = -40 to +150°C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Overtemperature
5.2.1
Overtemperature Warning
T
j(OW)
150
170
190
°C
5.2.2
Hysteresis for Overtemperature
Warning
dT
j(OW)
–20
°C
Overcurrent warning
5.2.3
Overcurrent Threshold
V
THOC
2
4.5
V
Vs=5.5..8V
5.2.4
Overcurrent Threshold
V
THOC
2
4.8
V
Vs=8..20V
5.2.5
Input Offset Voltage of OC Comp
V
OCOF
-50
50
mV
5.2.6
Input Offset Voltage Temperature
Drift of OC Comp1)
VIO
-5
–5mV
5.2.7
Overcurrent Warning Threshold
Hysteresis
dV
THOC
25
mV
Vs=5.5..8V
5.2.8
Overcurrent Warning Threshold
Hysteresis
dV
THOC
50
80
mV
Vs=8..20V
5.2.9
Filter Time of Overcurrent Warning t
OC
1.0
1.5
3.0
µs
Short Circuit Protection
5.2.10
Filter Time of Short Circuit
Protection
t
SCP(off)
4.5
6.8
9
µs
default
5.2.11
Maximum Duty Cycle for no SCD2) DySCDmax
–6%
fPWM=20kHz at IHx
or ILx and at static
applied SC
5.2.12
Minimum Duty Cycle for Periodic
SCD2)
DySCDmin
13
––%
fPWM=20kHz at IHx
or ILx and at static
applied SC
5.2.13
Short Circuit Detection Level SCD1 V
SCP1(off)
0.3
0.5
0.65
V
please contact
Infineon
5.2.14
Short Circuit Detection Level SCD2 V
SCP2(off)
0.6
0.75
0.9
V
5.2.15
Short Circuit Detection Level SCD3 V
SCP3(off)
0.85
1.0
1.15
V
please contact
Infineon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com