Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM40 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM40
Description  Hardware Monitor with Dual Thermal Diodes and SensorPath Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM40 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM40 Datasheet HTML 1Page - National Semiconductor (TI) LM40 Datasheet HTML 2Page - National Semiconductor (TI) LM40 Datasheet HTML 3Page - National Semiconductor (TI) LM40 Datasheet HTML 4Page - National Semiconductor (TI) LM40 Datasheet HTML 5Page - National Semiconductor (TI) LM40 Datasheet HTML 6Page - National Semiconductor (TI) LM40 Datasheet HTML 7Page - National Semiconductor (TI) LM40 Datasheet HTML 8Page - National Semiconductor (TI) LM40 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Absolute Maximum Ratings
(Notes 2, 1)
Supply Voltage (V
+)
−0.5 V to 6.0 V
Voltage at Any Digital Input or
Output Pin
−0.5 V to 6.0 V
Voltage on 12V Analog Input
−0.5 V to 16 V
Voltage on 5V Analog Input
−0.5 V to 6.67 V
Voltage on D1+ and D2+
−0.5 V to (V+ + 0.05 V)
Voltage on Other Analog Inputs
−0.5 V to 6.0 V
Current on D1- and D2-
±1mA
Input Current per Pin(Note 3)
±5mA
Package Input Current (Note 3)
±30 mA
Package Power Dissipation
(Note 4)
Output Sink Current
10 mA
ESD Susceptibility (Note 5)
Human Body Model
2500 V
Machine Model
250 V
Storage Temperature
−65˚C to +150˚C
Soldering process must comply with National’s reflow
temperature profile specifications. Refer to
www.national.com/packaging/. (Note 6)
Operating Ratings
(Notes 1, 2)
Temperature Range for Electrical Characteristics
LM40CIMT (T
MIN
≤T
A
≤T
MAX)
0˚C
≤ T
A
≤ +85˚C
Operating Temperature Range
0˚C
≤ T
A
≤ +125˚C
Remote Diode Temperature (T
D)
Range
-5 ˚C
≤T
D
≤+140 ˚C
Supply Voltage Range (V+)
+3.0 V to +3.6 V
Analog Input Voltage Rage:
+1.2V and +2.5V
−0.05V to
(V+ + 0.05V)
+3.3V_SBY (V+)
+3.0V to +3.6V
+5V
−0.05V to +6.67V
+12V
−0.05V to +16V
DC Electrical Characteristics
The following specifications apply for V+ = +3.0 V
DC to +3.6 VDC, and all analog source impedance RS =50
Ω unless other-
wise specified in the conditions. Boldface limits apply for LM40CIMT T
A =TJ =TMIN=0˚C to TMAX=85˚C; all other limits
T
A = +25˚C. TA is the ambient temperature of the LM40; TJ is the junction temperature of the LM40; TD is the junction tem-
perature of the remote thermal diode.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
V+
Power Supply Voltage
3.3
3.0
3.6
V (min)
V (max)
I+
Shutdown
Shutdown Power Supply Current
SensorPath Bus Inactive
(Note 9)
260
420
µA (max)
I+
Average
Average Power Supply Current
SensorPath Bus Inactive; all
sensors enabled;
t
CONV=182 ms; (Note 9)
900
µA (max)
I+
Peak
Peak Power Supply Current
SensorPath Bus Inactive
(Note 9)
3.3
mA (max)
Power-On Reset Threshold Voltage
1.6
V (min)
2.8
V (max)
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limits)
Temperature Accuracy Using the Remote Thermal
Diode, see (Note 12) for Thermal Diode Processor
Type.
T
J = 0˚C to
+85˚C
T
D = +25˚C
±1
±2.5
˚C (max)
T
J = 0˚C to
+85˚C
T
D = 0˚C to
+100˚C
±3
˚C (max)
TJ = 0˚C to
+85˚C
T
D = +100˚C to
+125˚C
±4
˚C (max)
Temperature Accuracy Using the Local Diode
T
J = 0˚C to +85˚C (Note 10)
±1
±3
˚C (max)
Remote Diode and Local Temperature Resolution
10
Bits
0.5
˚C
D− Source Voltage
0.7
V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com