Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM40 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM40
Description  Hardware Monitor with Dual Thermal Diodes and SensorPath Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM40 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM40 Datasheet HTML 1Page - National Semiconductor (TI) LM40 Datasheet HTML 2Page - National Semiconductor (TI) LM40 Datasheet HTML 3Page - National Semiconductor (TI) LM40 Datasheet HTML 4Page - National Semiconductor (TI) LM40 Datasheet HTML 5Page - National Semiconductor (TI) LM40 Datasheet HTML 6Page - National Semiconductor (TI) LM40 Datasheet HTML 7Page - National Semiconductor (TI) LM40 Datasheet HTML 8Page - National Semiconductor (TI) LM40 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM40
Hardware Monitor with Dual Thermal Diodes and
SensorPathBus
General Description
The LM40 is a hardware monitor that measures 3 tempera-
ture zones, 5 voltages and has a single-wire interface com-
patible with National Semiconductor’s SensorPath bus. Sen-
sorPath data is pulse width encoded, thereby allowing the
LM40 to be easily connected to many general purpose
micro-controllers. Several National Semiconductor Super I/O
products include a fully integrated SensorPath master, that
when connected to the LM40 can realize a hardware monitor
function that includes limit checking for measured values,
autonomous fan speed control and many other functions.
The LM40 measures the temperature of its own die as well
as two external devices such as a processor thermal diode
or a diode connected transistor. The LM40 can resolve tem-
peratures up to 255˚C and down to -256˚C. The operating
temperature range of the LM40 is 0˚C to +125˚C. Using
Σ∆
ADC it measures +1.2V, +2.5V, +3.3V, +5V and +12V analog
input voltages with internal scaling resistors.The address
programming pin allows two LM40s to be placed on one
SensorPath bus.
Features
n
SensorPath Interface
— 2 hardware programmable addresses
n
Voltage Monitoring
— 9-bit
Σ∆ ADC
— Internal scaling resistors for all inputs
— Monitors +1.2V, +2.5 V, +3.3 V, +5 V and +12 V
n
Temperature Sensing
— 2 remote diode temperature sensor zones
— Internal local temperature zone
— 0.5 ˚C resolution
— Measures temperatures up to 140 ˚C
n
14-lead TSSOP package
Key Specifications
n
Voltage Measurement Accuracy
±2 % (max)
n
Temperature Sensor Accuracy
±3 ˚C (max)
n
Temperature Range:
— LM40 junction
0 ˚C to +85 ˚C
— Remote Temp Accuracy
0 ˚C to +100 ˚C
n
Power Supply Voltage
+3.0 V to +3.6 V
n
Average Power Supply Current
0.5 mA (typ)
n
Conversion Time (all Channels)
29.6ms to 1456ms
Applications
n
Microprocessor based equipment
(Motherboards, Video Cards, Base-stations, Routers,
ATMs, Point of Sale, …)
n
Power Supplies
Typical Application
20068401
SensorPathis a trademark of National Semiconductor Corporation
May 2004
© 2004 National Semiconductor Corporation
DS200684
www.national.com


Similar Part No. - LM40

ManufacturerPart #DatasheetDescription
logo
LM Technologies Ltd
LM400 LMTECHNOLOGIES-LM400 Datasheet
4Mb / 7P
LM400 Bluetooth® v2.0, v2.1 Module with IC Antenna
logo
SEMTECH ELECTRONICS LTD...
LM4001 SEMTECH_ELEC-LM4001 Datasheet
280Kb / 2P
SURFACE MOUNT SILICON RECTIFIERS
logo
Microdiode Semiconducto...
LM4001 CHENDA-LM4001 Datasheet
908Kb / 2P
SURFACE MOUNT RECTIFIERS
LM4001 CHENDA-LM4001 Datasheet
505Kb / 2P
SURFACE MOUNT RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
LM4001G SEMTECH_ELEC-LM4001G Datasheet
281Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
More results

Similar Description - LM40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1024 AD-ADM1024 Datasheet
285Kb / 28P
System Hardware Monitor with Remote Diode Thermal Sensing
REV.0
logo
National Semiconductor ...
LM41 NSC-LM41 Datasheet
367Kb / 27P
Hardware Monitor with Thermal Diode Inputs and SensorPath??Bus
logo
Texas Instruments
TMP141 TI-TMP141 Datasheet
295Kb / 19P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
National Semiconductor ...
LM32 NSC-LM32 Datasheet
340Kb / 24P
Dual Thermal Diode Temperature Sensor with SensorPath Bus
LM96011 NSC-LM96011 Datasheet
80Kb / 2P
Hardware Monitor with Thermal Diode Input and SensorPath??Bus
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024 Datasheet
315Kb / 29P
System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
hardware monitor with api
logo
Texas Instruments
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
Digital Temperature Sensor with SensorPath Bus
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024_16 Datasheet
256Kb / 30P
System Hardware Monitor with Remote Diode Thermal Sensing
January, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com