Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM40 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM40
Description  Hardware Monitor with Dual Thermal Diodes and SensorPath Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM40 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM40 Datasheet HTML 8Page - National Semiconductor (TI) LM40 Datasheet HTML 9Page - National Semiconductor (TI) LM40 Datasheet HTML 10Page - National Semiconductor (TI) LM40 Datasheet HTML 11Page - National Semiconductor (TI) LM40 Datasheet HTML 12Page - National Semiconductor (TI) LM40 Datasheet HTML 13Page - National Semiconductor (TI) LM40 Datasheet HTML 14Page - National Semiconductor (TI) LM40 Datasheet HTML 15Page - National Semiconductor (TI) LM40 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
1.0 Functional Description (Continued)
1.3.2 Read Transaction
During a read transaction, the master reads data from a
register at a specified address within a slave. A read trans-
action begins with a Start Bit and ends with an ACK bit, as
shown in Figure 5.
Device Number This is the address of the LM40 device
accessed. Address "000" is a broadcast address and can
be responded to by all the slave devices. The LM40
ignores the broadcast address during a read transaction.
Internal Address The address of a register within the
LM40 that is read.
Read/Write (R/W) A "1" indicates a read transaction.
Data Bits During a read transaction the data bits are
driven by the LM40. Data is transferred serially with the
most significant bit first. This allows throughput optimiza-
tion based on the information that needs to be read.
The LM40 supports 8-bit or 16-bit data fields, as de-
scribed in Section 2.0 "Register Set".
Even Parity (EP) This bit is based on all preceding bits
(device number, internal address, Read/Write and data
bits) and the parity bit itself. The parity -number of 1’s - of
all the preceding bits and the parity bit must be even - i.e.,
the result must be 0. During a read transaction, the EP bit
is sent by the LM40 to the master to allow the master to
check the received data before using it.
Acknowledge (ACK) During a read transaction the ACK
bit is sent by the master indicating that the EP bit was
received and was found to be correct, when compared to
the data preceding it, and that no conflict was detected
on the bus (excluding Attention Request - see Section
1.3.5 "Attention Request Transaction"). A read transfer is
considered "complete" only when the ACK bit is received.
A transaction that was not positively acknowledged is not
considered "complete" by the LM40 and following are
performed:
— The BER bit in the LM40 Device Status register is set
— The LM40 generates an Attention Request before, or
together with the Start Bit of the next transaction
A transaction that was not positively acknowledged is
also not considered "complete" by the master (i.e. inter-
nal operations related to the transaction are not per-
formed). The transaction may be repeated by the master,
after detecting the source of the Attention Request (the
LM40 that has a set BER bit in the Device Status regis-
ter). Note that the SensorPath protocol neither forces, nor
automates re-execution of the transaction by the master.
The values of the ACK bit are:
— 1: Data was received correctly
— 0: An error was detected (no-acknowledge).
1.3.3 Write Transaction
In a write transaction, the master writes data to a register at
a specified address in the LM40. A write transaction begins
with a Start Bit and ends with an ACK Data Bit, as show in
Figure 6.
Device Number This is the address of the slave device
accessed. Address "000" is a broadcast address and is
responded to by all the slave devices. The LM40 re-
sponds to broadcast messages to the Device Control
Register.
Internal Address This is the register address in the
LM40 that will be written.
Read/Write (R/W) A "0" data bit directs a write transac-
tion.
20068408
FIGURE 4. Bus Reset Transaction
20068409
FIGURE 5. Read Transaction, master reads data from LM40
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com