Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM40 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM40
Description  Hardware Monitor with Dual Thermal Diodes and SensorPath Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM40 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM40 Datasheet HTML 16Page - National Semiconductor (TI) LM40 Datasheet HTML 17Page - National Semiconductor (TI) LM40 Datasheet HTML 18Page - National Semiconductor (TI) LM40 Datasheet HTML 19Page - National Semiconductor (TI) LM40 Datasheet HTML 20Page - National Semiconductor (TI) LM40 Datasheet HTML 21Page - National Semiconductor (TI) LM40 Datasheet HTML 22Page - National Semiconductor (TI) LM40 Datasheet HTML 23Page - National Semiconductor (TI) LM40 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
2.0 Register Set (Continued)
2.9.3 Temperature Data Readout (Addr: 001 001; 09h)
Reg
Add
Register
Name
R/
W
P
O
R
Val
Bit
15
MSb
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
LSb
001 001
Local
Temperature
Data
Readout
R
MSb
Sign
128
˚C
64˚C 32˚C 16˚C 8˚C
4˚C
2˚C
1˚C
0.5
˚C
Reserved
SNUM
Reserved
00
00
Processor/
Remote
Temperature
Data
Readout
Reserved
EF
Res
00
0
Bit
Type
Description
0RO
Reserved. Will always read "0".
1RO
Reserved for Local Temperature Data Readout. Will always read "0".
EF (Error Flag) for Remote Temperature Data Readout. This bit indicates that an error was detected
during the measurement of the current remote Temperature sensor such as a diode fault condition. When a
diode fault occurs the value of the temperature reading will be 200h or -256˚C.
0: No error detected.
1: Error detected.
3-2
RO
SNUM (Sensor Number). This field indicates the number of the current Temperature Sensor, to which the
data in the Temperature Readout field belongs. Temperature Sensor 0 is always assigned to the local
sensor of the LM40.
0: Local temperature sensor (see Table Thermal Diode Input Mapping)
1-2: Remote sensor 1 and 2 (see Table Thermal Diode Input Mapping)
5-4
RO
Reserved. Will always read "0".
15-6
RO
Temperature Readout. This field holds the result of the temperature measurement. The active size of this
field for the LM40 is 10-bits, left justified. See Table Temperature Data Format for examples.
Thermal Diode Input Mapping
Sensor Number
(SNUM)
Sensor Input
Board Connection
0
Local
none
1
Processor, D1+/D1-
CPU Thermal Diode
2
Remote, D2+/D2-
MMBT3904 Thermal Diode or GPU
Thermal Diode
All LM40 temperature data has a common format. The LM40’s temperature data format is two’s complement and has 10-bits of
resolution with the LSb having a weight of 0.5 ˚C. The LM40 can resolve temperature between +255.5 ˚C and -256 ˚C, inclusive.
It can measure local temperatures between +85 ˚C and 0 ˚C and remote temperatures between +125 ˚C and 0 ˚C with an
accuracy of ±3.0 ˚C.
Temperature Data Format
Temperature
Binary
Hex
+140 ˚C
01 0001 1000
118h
+100 ˚C
00 1100 1000
0C8h
+1 ˚C
00 0000 0010
002h
0 ˚C
00 0000 0000
000h
- 0.5 ˚C
11 1111 1111
3FFh
-1 ˚C
11 1111 1110
3FEh
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com