Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM40 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM40
Description  Hardware Monitor with Dual Thermal Diodes and SensorPath Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM40 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM40 Datasheet HTML 13Page - National Semiconductor (TI) LM40 Datasheet HTML 14Page - National Semiconductor (TI) LM40 Datasheet HTML 15Page - National Semiconductor (TI) LM40 Datasheet HTML 16Page - National Semiconductor (TI) LM40 Datasheet HTML 17Page - National Semiconductor (TI) LM40 Datasheet HTML 18Page - National Semiconductor (TI) LM40 Datasheet HTML 19Page - National Semiconductor (TI) LM40 Datasheet HTML 20Page - National Semiconductor (TI) LM40 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
2.0 Register Set (Continued)
2.5 DEVICE ID (Addr: 000 010; 02h)
Reg
Add
Register
Name
R/
W
P
O
R
Val
Bit
15
MSb
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
LSb
000 010 Device ID
R
22h
RevID
DeviceID
0000000000100010
The device ID is defined by the manufacturer of the device and is unique for each device produced by a manufacturer. Bits 15-11
identify the revision number of the die and will be incremented upon revision of the device.
Bit
Type
Description
10-0
RO
DeviceID (Device ID Value) A fixed value that identifies the device.
15-11
RO
RevID (Revision ID Value) A fixed value that identifies the device revision.
2.6 CAPABILITIES FIXED (Addr: 000 011; 03h)
Reg
Add
Register
Name
R/
W
P
O
R
Val
Bit
15
MSb
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
LSb
000 011
Capabilities
Fixed
R
21h
Reserved
FuncDescriptor2
FuncDescriptor1
0000000000100001
The value of this register defines the capabilities of the LM40. The LM40 supports two functions, that of Temperature
Measurement type (Function 1) and Voltage-Only Measurement type (Function 2). Please refer to the SensorPath specification
for further details on other FuncDescriptor values.
2.7 DEVICE STATUS (Addr: 000 100; 04h)
This register is set to the reset value by a Device Reset.
Reg Add
Register Name
R/
W
P
O
R
Val
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSb
000 100
Device Status
R
0h
BER
Res
ERF2
ERF1
Res
SF2
SF1
00
0
Bit
Type
Description
0RO
SF1 (Status Function 1) This bit is set by a Function Event within Function 1. Event details are function
dependent and are described within the function. SF1 is cleared by Device Reset or by handling the event
within the Temperature Measurement Function (see Section 2.9 for further details).
0: Status flag for Function 1 is inactive (no event).
1: Status flag for Function 1 is active indicating that a Function Event has occurred.
1RO
SF2 (Status Function 2) Same as SF1 for Function 2, Voltage-Only Measurement Function. (see Section
2.10 for further details)
3-2
RO
Reserved. Will always read "0".
4RO
ERF1 (Error Function 1) This bit is set in response to an error indication within Function 1. ERF1 is cleared
by Device Reset or by handling the error condition within the Temperature Measurement Function (see
Section 2.9 for further details).
0: No error occurred in Function 1.
1: Error occurred in Function 1.
5RO
ERF2 (Error Function 2) Same as ERF1 for Function 2, Voltage-Only Measurement Function. (see Section
2.10 for further details)
6RO
Reserved. Will always read "0".
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com