Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM40 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM40
Description  Hardware Monitor with Dual Thermal Diodes and SensorPath Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM40 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM40 Datasheet HTML 11Page - National Semiconductor (TI) LM40 Datasheet HTML 12Page - National Semiconductor (TI) LM40 Datasheet HTML 13Page - National Semiconductor (TI) LM40 Datasheet HTML 14Page - National Semiconductor (TI) LM40 Datasheet HTML 15Page - National Semiconductor (TI) LM40 Datasheet HTML 16Page - National Semiconductor (TI) LM40 Datasheet HTML 17Page - National Semiconductor (TI) LM40 Datasheet HTML 18Page - National Semiconductor (TI) LM40 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
2.0 Register Set
2.1 REGISTER SET SUMMARY
Reg Add
Register
Name
R/
W
P
O
R
Val
Bit
15
MSb
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
LSb
000 000
00h
Device
Number
R
*
Not Available
Reserved
See Section 2.3
00000
000 001
01h
Manufacturer
ID
R 100Bh
0001000000001011
000 010
02h
Device ID
R
22h
RevID
Device ID
0000000000100010
000 011
03h
Capabilities
Fixed
R
21h
Reserved
FuncDescriptor 2
(Voltage-Only)
FuncDescriptor 1
(Temperature)
0000000000100001
000 100
04h
Device
Status
R
0h
Not Available
BER
Res
ERF2 ERF1
Reserved
SF2 SF1
00
0
000 101
05h
Device
Control
R/
W
0h
Reserved
EnF2 EnF1
Res Low
Pwr
Shut
down
Re
set
0000000000
0
001 000
08h
Temperature
Capabilities
R
0549h
Reserved
# of Remotes
Int
Sens
Rout
Size
Sign
10-Bits
0.5˚C
Resolution
0000010101001001
001 001
09h
Processor/
Remote
Temperature
Data
Readout
R
MSb
Sign
128
˚C
64˚C 32˚C 16˚C 8˚C
4˚C
2˚C
1
˚C
LSb
0.5
˚C
Res
SNUM
EF
Res
00
0
Local
Temperature
Data
Readout
Res
Res Res
00
00
001 010
0Ah
Temperature
Control
R/
W
0h
Reserved
EN2 EN1 EN0 ATE
000000000000
001 011
-001 111
0Bh-0Fh
Reserved
R
Undefined
010 000
10h
Voltage
Capabilities
R
0051h
Reserved
# of Voltage Sensors
Rout
Size
Resolution
9-Bits
0000000001010001
010 001
11h
Voltage
Readout
R
Voltage Readout
Reserved
SNUM
Reserved
MSb
LSb
0
0
00
010 010
12h
Voltage
Control
R/
W
1Fh
Reserved
EN4 EN3 EN2 EN1 EN0 ATE
Low Rate Function
(Read Only)
00000
11111
010 011
-011 111
13h-1Fh
Reserved
R
Undefined
100 000
20h
Conversion
Rate
R/
W
2h
Not Available
Reserved
CR1 CR0
000000
100 001
-111 111
21h-3Fh
Undefined
Registers
R
Undefined
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com