Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM40 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM40
Description  Hardware Monitor with Dual Thermal Diodes and SensorPath Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM40 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM40 Datasheet HTML 1Page - National Semiconductor (TI) LM40 Datasheet HTML 2Page - National Semiconductor (TI) LM40 Datasheet HTML 3Page - National Semiconductor (TI) LM40 Datasheet HTML 4Page - National Semiconductor (TI) LM40 Datasheet HTML 5Page - National Semiconductor (TI) LM40 Datasheet HTML 6Page - National Semiconductor (TI) LM40 Datasheet HTML 7Page - National Semiconductor (TI) LM40 Datasheet HTML 8Page - National Semiconductor (TI) LM40 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Connection Diagram
TSSOP-14
20068402
Top View
National Package Number MTC14C
Order
Number
Package
Marking
NS
Package
Number
Transport
Media
LM40CIMT
LM40
CIMT
MTC14C
94 units per
rail
LM40CIMTX
LM40
CIMT
MTC14C
2500 units in
tape and reel
Pin Description
Pin Number
Pin Name
Description
Typical Connection
1, 14
NC
No Connect
May be tied to V+, GND or left floating
2
GND
Ground
System ground
3
V+/+3.3V_SBY
Positive power supply pin as well
as a +3.3V voltage monitor
Connected system 3.3 V standby power and
to a 0.1 µF bypass capacitor in parallel with
100 pF. A bulk capacitance of approximately
10 µF needs to be in the near vicinity of the
LM40.
4
SWD
SensorPath Bus line; Open-drain
output
Super I/O, Pull-up resistor, 1.6k
5
ADD
Digital input - device number select
input for the serial bus device
number
Pull-up to 3.3 V or pull-down to GND resistor,
10k; must never be left floating
6
+1.2V
+1.2V voltage monitoring input with
scaling resistors
Processor core voltage to be monitored
7
+2.5V
+2.5V voltage monitoring input with
scaling resistors
Power supply voltage to be monitored
8, 10
D1-, D2-
Thermal diode analog voltage
output and negative monitoring
input
Remote Thermal Diode cathode
(THERM_DC) - Diode 1 should always be
connected to the processor thermal diode.
Diode 2 may be connected to an MMBT3904
or GPU thermal diode. A 100 pF capacitor
should be connected between respective D-
and D+ for noise filtering.
9, 11
D1+, D2+
Thermal diode analog current
output and positive monitoring input
Remote Thermal Diode anode (THERM_DA) -
Diode 1 should always be connected to the
processor thermal diode. Diode 2 may be
connected to an MMBT3904 or GPU thermal
diode. A 100 pF capacitor should be
connected between respective D- and D+ for
noise filtering.
12
+5V
+5V voltage monitoring input with
scaling resistors
Power supply voltage to be monitored
13
+12V
+12V voltage monitoring input with
scaling resistors
Power supply voltage to be monitored
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com