Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS810B1 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLS810B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810B1 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLS810B1 Datasheet HTML 7Page - Infineon Technologies AG TLS810B1 Datasheet HTML 8Page - Infineon Technologies AG TLS810B1 Datasheet HTML 9Page - Infineon Technologies AG TLS810B1 Datasheet HTML 10Page - Infineon Technologies AG TLS810B1 Datasheet HTML 11Page - Infineon Technologies AG TLS810B1 Datasheet HTML 12Page - Infineon Technologies AG TLS810B1 Datasheet HTML 13Page - Infineon Technologies AG TLS810B1 Datasheet HTML 14Page - Infineon Technologies AG TLS810B1 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
11
Rev. 1.0 2015-11-02
TLS810B1LDV50
Block Description and Electrical Characteristics
Table 4
Electrical Characteristics
Tj = -40 °C to +150 °C, VI = 13.5 V, all voltages with respect to ground (unless otherwise specified).
Typical values are given at Tj = 25 °C, VI = 13.5 V.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min.
Typ.
Max.
Output Voltage Precision
VQ
4.90
5.00
5.10
V
50 µA ≤ IQ ≤ 100 mA,
5.7 V ≤ VI ≤ 28 V
P_5.1.1
Output Voltage Precision
VQ
4.90
5.00
5.10
V
50 µA ≤ IQ ≤ 50 mA,
5.7 V ≤ VI ≤ 42 V
P_5.1.2
Output Current Limitation IQ,lim
110
190
260
mA
0 V ≤ VQ ≤ VQ,nom - 0.1 V
P_5.1.3
Line Regulation
steady-state
ΔVQ,line
–1
20
mV
IQ = 1mA, 6V ≤ VI≤ 32 V
P_5.1.4
Load Regulation
steady-state
ΔVQ,load -20
-1
–
mV
VI = 6 V,
50 µA ≤ IQ ≤ 100 mA
P_5.1.5
Dropout Voltage1)
Vdr = VI - VQ
1) Measured when the output voltage VQ has dropped 100 mV from the nominal value obtained at VI = 13.5V
Vdr
–
200
550
mV
IQ = 100 mA
P_5.1.6
Ripple Rejection2)
2) Not subject to production test, specified by design
PSRR
–55
–
dB
IQ =50 mA,
fripple = 100 Hz,
Vripple = 0.5 Vp-p
P_5.1.7
Overtemperature
Shutdown Threshold
Tj,sd
151
175
–
°C
Tj increasing
P_5.1.8
Overtemperature
Shutdown Threshold
Hysteresis
Tj,sdh
–10
–
K
Tj decreasing
P_5.1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com