Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS810B1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLS810B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810B1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLS810B1 Datasheet HTML 1Page - Infineon Technologies AG TLS810B1 Datasheet HTML 2Page - Infineon Technologies AG TLS810B1 Datasheet HTML 3Page - Infineon Technologies AG TLS810B1 Datasheet HTML 4Page - Infineon Technologies AG TLS810B1 Datasheet HTML 5Page - Infineon Technologies AG TLS810B1 Datasheet HTML 6Page - Infineon Technologies AG TLS810B1 Datasheet HTML 7Page - Infineon Technologies AG TLS810B1 Datasheet HTML 8Page - Infineon Technologies AG TLS810B1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TLS810B1
TLS810B1LDV50
Data Sheet
2
Rev. 1.0, 2015-11-02
1
Overview
Features
• Ultra Low Quiescent Current of 5.5 µA
• Wide Input Voltage Range of 2.75 V to 42 V
• Output Current Capacity up to 100 mA
• Off Mode Current Less than 1 µA
• Low Drop Out Voltage of typ. 200 mV @ 100 mA
• Output Current Limit Protection
• Overtemperature Shutdown
•Enable
• Available in PG-TSON-10 Package
• Wide Temperature Range
• Green Product (RoHS Compliant)
• AEC Qualified
Figure 1
PG-TSON-10
Type
Package
Marking
TLS810B1LDV50
PG-TSON-10
810B1V50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com