Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS810B1 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLS810B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810B1 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLS810B1 Datasheet HTML 13Page - Infineon Technologies AG TLS810B1 Datasheet HTML 14Page - Infineon Technologies AG TLS810B1 Datasheet HTML 15Page - Infineon Technologies AG TLS810B1 Datasheet HTML 16Page - Infineon Technologies AG TLS810B1 Datasheet HTML 17Page - Infineon Technologies AG TLS810B1 Datasheet HTML 18Page - Infineon Technologies AG TLS810B1 Datasheet HTML 19Page - Infineon Technologies AG TLS810B1 Datasheet HTML 20Page - Infineon Technologies AG TLS810B1 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
17
Rev. 1.0 2015-11-02
TLS810B1LDV50
Block Description and Electrical Characteristics
5.5
Enable
The device can be switched on and off by the Enable feature. Connect a HIGH level as specified below (e.g. the
battery voltage) to pin EN to enable the device; connect a LOW level as specified below (e.g. GND) to switch it
off. The Enable function has a build-in hysteresis to avoid toggling between ON/OFF state, if signals with slow
slopes are appiled to the EN input.
Table 6
Electrical Characteristics Enable
Tj = -40 °C to +150 °C, VI = 13.5 V, all voltages with respect to ground (unless otherwise specified).
Typical values are given at Tj = 25 °C, VI = 13.5 V.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min.
Typ.
Max.
Enable High Level Input
Voltage
VEN,H
2–
–
V
VQ settled
P_5.5.1
Enable Low Level Input
Voltage
VEN,L
––
0.8
V
VQ ≤ 0.1 V
P_5.5.2
Enable High Level Input
Current
IEN,H
––
4
µA
VEN = 5 V
P_5.5.3
Enable Internal Pull-down
Resistor
REN
1.25
2
3.5
MΩ
–P_5.5.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com