Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS810B1 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLS810B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810B1 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLS810B1 Datasheet HTML 16Page - Infineon Technologies AG TLS810B1 Datasheet HTML 17Page - Infineon Technologies AG TLS810B1 Datasheet HTML 18Page - Infineon Technologies AG TLS810B1 Datasheet HTML 19Page - Infineon Technologies AG TLS810B1 Datasheet HTML 20Page - Infineon Technologies AG TLS810B1 Datasheet HTML 21Page - Infineon Technologies AG TLS810B1 Datasheet HTML 22Page - Infineon Technologies AG TLS810B1 Datasheet HTML 23Page - Infineon Technologies AG TLS810B1 Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
16
Rev. 1.0 2015-11-02
TLS810B1LDV50
Application Information
Calculation of RthJA,max:
PD =(VI – VQ) x IQ + VI x Iq
= (13.5V – 5V) x 80 mA + 13.5 V x 0.016 mA
=0.68 W
RthJA,max =(Tj,max – Ta) / PD
= (150 °C – 105 °C) / 0.68 W
= 66.2 K/W
As a result, the PCB design must ensure a thermal resistance RthJA lower than 66.2 K/W. According to “Thermal
Resistance” on Page 9, at least 600 mm² heatsink area is needed on the FR4 1s0p PCB, or the FR4 2s2p board
can be used.
6.4
Reverse Polarity Protection
TLS810B1 is not self protected against reverse polarity faults. To protect the device against negative supply
voltage, an external reverse polarity diode is needed, as shown in Figure 5. The absolute maximum ratings of
the device as specified in “Absolute Maximum Ratings” on Page 7 must be kept.
6.5
Further Application Information
• For further information you may contact http://www.infineon.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com