Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS810B1 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLS810B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810B1 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLS810B1 Datasheet HTML 15Page - Infineon Technologies AG TLS810B1 Datasheet HTML 16Page - Infineon Technologies AG TLS810B1 Datasheet HTML 17Page - Infineon Technologies AG TLS810B1 Datasheet HTML 18Page - Infineon Technologies AG TLS810B1 Datasheet HTML 19Page - Infineon Technologies AG TLS810B1 Datasheet HTML 20Page - Infineon Technologies AG TLS810B1 Datasheet HTML 21Page - Infineon Technologies AG TLS810B1 Datasheet HTML 22Page - Infineon Technologies AG TLS810B1 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
14
Rev. 1.0 2015-11-02
TLS810B1LDV50
Application Information
6
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
6.1
Application Diagram
Figure 5
Application Diagram
6.2
Selection of External Components
6.2.1
Input Pin
The typical input circuitry for a linear voltage regulator is shown in the application diagram above.
A ceramic capacitor at the input, in the range of 100 nF to 470 nF, is recommended to filter out the high
frequency disturbances imposed by the line e.g. ISO pulses 3a/b. This capacitor must be placed very close to
the input pin of the linear voltage regulator on the PCB.
An aluminum electrolytic capacitor in the range of 10 µF to 470 µF is recommended as an input buffer to
smooth out high energy pulses, such as ISO pulse 2a. This capacitor should be placed close to the input pin of
the linear voltage regulator on the PCB.
An overvoltage suppressor diode can be used to further suppress any high voltage beyond the maximum
rating of the linear voltage regulator and protect the device against any damage due to over-voltage.
The external components at the input are not mandatory for the operation of the voltage regulator, but they
are recommended in case of possible external disturbances.
TLS810B1
Q
I
EN
Regulated
Output Voltage
I
Q
CQ
1μF
Supply
100nF
10μF
CI1
CI2
<45V
DI2
I
I
GND
e.g. Ignition
Load
(e.g.
Micro
Controller)
GND
DI1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com