Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS810B1 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLS810B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810B1 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLS810B1 Datasheet HTML 9Page - Infineon Technologies AG TLS810B1 Datasheet HTML 10Page - Infineon Technologies AG TLS810B1 Datasheet HTML 11Page - Infineon Technologies AG TLS810B1 Datasheet HTML 12Page - Infineon Technologies AG TLS810B1 Datasheet HTML 13Page - Infineon Technologies AG TLS810B1 Datasheet HTML 14Page - Infineon Technologies AG TLS810B1 Datasheet HTML 15Page - Infineon Technologies AG TLS810B1 Datasheet HTML 16Page - Infineon Technologies AG TLS810B1 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
13
Rev. 1.0 2015-11-02
TLS810B1LDV50
Block Description and Electrical Characteristics
Load Regulation ΔVQ,load versus
Output Current IQ
Line Regulation ΔVQ,line versus
Input Voltage VI
Output Voltage VQ versus
Input Voltage VI
Power Supply Ripple Rejection PSRR versus
Ripple Frequency fr
0
20
40
60
80
100
−10
−8
−6
−4
−2
0
2
4
6
8
10
I
Q
[mA]
V
I
= 6 V
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C
10
15
20
25
30
35
40
−10
−8
−6
−4
−2
0
2
4
6
8
10
V
I
[V]
I
Q
= 1 mA
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C
0
1
2
3
4
5
6
0
1
2
3
4
5
6
V
I
[V]
I
Q
= 50 mA
T
j
= 25
°C
10
−2
10
−1
10
0
10
1
10
2
10
3
0
10
20
30
40
50
60
70
80
f [kHz]
I
Q
= 10 mA
C
Q
= 1
μF
V
I
= 13.5 V
V
ripple
= 0.5 Vpp
T
j
= 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com