Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS810B1 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLS810B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810B1 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLS810B1 Datasheet HTML 16Page - Infineon Technologies AG TLS810B1 Datasheet HTML 17Page - Infineon Technologies AG TLS810B1 Datasheet HTML 18Page - Infineon Technologies AG TLS810B1 Datasheet HTML 19Page - Infineon Technologies AG TLS810B1 Datasheet HTML 20Page - Infineon Technologies AG TLS810B1 Datasheet HTML 21Page - Infineon Technologies AG TLS810B1 Datasheet HTML 22Page - Infineon Technologies AG TLS810B1 Datasheet HTML 23Page - Infineon Technologies AG TLS810B1 Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Data Sheet
15
Rev. 1.0 2015-11-02
TLS810B1LDV50
Application Information
6.2.2
Output Pin
An output capacitor is mandatory for the stability of linear voltage regulators.
The requirement to the output capacitor is given in “Functional Range” on Page 8. The graph “Output
Capacitor Series Resistor ESR(CQ) versus Output Current IQ” on Page 14 shows the stable operation range
of the device.
TLS810B1 is designed to be stable with extremely low ESR capacitors. According to the automotive
environment, ceramic capacitors with X5R or X7R dielectrics are recommended.
The output capacitor should be placed as close as possible to the regulator’s output and GND pins and on the
same side of the PCB as the regulator itself.
In case of rapid transients of input voltage or load current, the capacitance should be dimensioned in
accordance and verified in the real application that the output stability requirements are fulfilled.
6.3
Thermal Considerations
Knowing the input voltage, the output voltage and the load profile of the application, the total power
dissipation can be calculated:
(6.1)
with
• PD: continuous power dissipation
• VI: input voltage
• VQ: output voltage
• IQ: output current
• Iq: quiescent current
The maximum acceptable thermal resistance RthJA can then be calculated:
(6.2)
with
• Tj,max: maximum allowed junction temperature
• Ta: ambient temperature
Based on the above calculation the proper PCB type and the necessary heat sink area can be determined with
reference to the specification in “Thermal Resistance” on Page 9.
Example
Application conditions:
VI = 13.5 V
VQ = 5 V
IQ = 80 mA
Ta = 105 °C
PD
VI VQ
–
() I
Q
VI Iq
×
+
×
=
RthJA max
,
Tjmax
,
Ta
–
PD
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com