Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160220 Datasheet(PDF) 3 Page - Microchip Technology

Part # DM160220
Description  Single-Channel Proximity Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160220 Datasheet(HTML) 3 Page - Microchip Technology

  DM160220 Datasheet HTML 1Page - Microchip Technology DM160220 Datasheet HTML 2Page - Microchip Technology DM160220 Datasheet HTML 3Page - Microchip Technology DM160220 Datasheet HTML 4Page - Microchip Technology DM160220 Datasheet HTML 5Page - Microchip Technology DM160220 Datasheet HTML 6Page - Microchip Technology DM160220 Datasheet HTML 7Page - Microchip Technology DM160220 Datasheet HTML 8Page - Microchip Technology DM160220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2012-2013 Microchip Technology Inc.
Preliminary
DS40001664B-page 3
MTCH101
1.0
DEVICE OVERVIEW
The MTCH101 provides an easy way to add proximity
or touch detection to any human interface application.
The device integrates a single-channel capacitive
proximity detection, which can work through plastic,
glass or wood-front panel. It also supports a wide range
of conductive materials as sensor, like copper pad on
PCB, silver or carbon printing on plastic, Indium Tin
Oxide (ITO) pad, wire/cable, etc. On-board adjustable
sensitivity and power mode selection allow the user to
configure the device at run time easily. An active-low
output will communicate the state of the sensor to a
host/master MCU, or drive an indication LED (see
Figure 1-1).
FIGURE 1-1:
BLOCK DIAGRAM
ADC
Proximity
Scan Driver
Proximity Sensor
Data Filtering
Proximity
Decoding
Power Mode
Control
State Output
Sensitivity Adjust
Host/
Discrete
Components
MTCH101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com