Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160220 Datasheet(PDF) 11 Page - Microchip Technology

Part # DM160220
Description  Single-Channel Proximity Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160220 Datasheet(HTML) 11 Page - Microchip Technology

Back Button DM160220 Datasheet HTML 7Page - Microchip Technology DM160220 Datasheet HTML 8Page - Microchip Technology DM160220 Datasheet HTML 9Page - Microchip Technology DM160220 Datasheet HTML 10Page - Microchip Technology DM160220 Datasheet HTML 11Page - Microchip Technology DM160220 Datasheet HTML 12Page - Microchip Technology DM160220 Datasheet HTML 13Page - Microchip Technology DM160220 Datasheet HTML 14Page - Microchip Technology DM160220 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 2012-2013 Microchip Technology Inc.
Preliminary
DS40001664B-page 11
MTCH101
8.3
DC Characteristics
Note:
The tables provided following this note are
a statistical summary based on a limited
number of samples and are provided for
informational
purposes
only.
The
performance characteristics listed herein
are not tested or guaranteed. In some
tables, the data presented may be outside
the specified operating range (e.g.,
outside specified power supply range)
and therefore, outside the warranted
range.
TABLE 8-1:
MTCH101 (INDUSTRIAL)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Param
No.
Sym.
Characteristic
Min.
Typ†
Max. Units
Conditions
D001
VDD
Supply Voltage
2.0
—
5.5
V
D002
VPOR VDD Start Voltage
to ensure Power-on-Reset
—Vss
—
V
D003
SVDD VDD Rise Rate
to ensure Power-on Reset
0.05*
—
—
V/ms
* These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
TABLE 8-2:
RESPONSE TIME AND CURRENT CONSUMPTION
Power Mode
Typical
Current (µA)
Highest Sensitivity
Response Time (ms)
Lowest Sensitivity
Response Time (ms)
Conditions
Typical
Max.
Typical
Max.
Normal mode
120
100
150
210
260
VDD = 2.0V
Low-Power mode
30
790
890
900
1000
Normal mode
200
80
130
190
240
VDD = 3.3V
Low-Power mode
54
640
740
750
850
Normal mode
340
76
119
190
220
VDD = 5.0V
Low-Power mode
97
530
620
640
730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com