Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160220 Datasheet(PDF) 7 Page - Microchip Technology

Part # DM160220
Description  Single-Channel Proximity Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160220 Datasheet(HTML) 7 Page - Microchip Technology

Back Button DM160220 Datasheet HTML 3Page - Microchip Technology DM160220 Datasheet HTML 4Page - Microchip Technology DM160220 Datasheet HTML 5Page - Microchip Technology DM160220 Datasheet HTML 6Page - Microchip Technology DM160220 Datasheet HTML 7Page - Microchip Technology DM160220 Datasheet HTML 8Page - Microchip Technology DM160220 Datasheet HTML 9Page - Microchip Technology DM160220 Datasheet HTML 10Page - Microchip Technology DM160220 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2012-2013 Microchip Technology Inc.
Preliminary
DS40001664B-page 7
MTCH101
5.0
RESET
The MTCH101 can be stuck in a proximity-detected
state in some cases, such as sudden temperature
change, or higher dielectric materials (metal, wood or
glass) present near the sensor. Two methods can be
used to release the proximity-detected state without
repowering the device.
5.1
Reset by the MTPM pin
Changing the state of the MTPM pin, either from
low-to-high or from high-to-low, will reset the proximity
detection system and release the detection state. If the
device needs to keep the same power mode, then a
pulse, which holds at least 4.5 ms, can be used to reset
the device (see Figure 5-1). This reset method can be
used at anytime during the operation, not only when the
state is stuck in a proximity-detected state.
FIGURE 5-1:
RESET PULSE DURATION
REQUIREMENT
5.2
Reset by Touch and Release
A stuck release mechanism is implemented for this
device.
When
the
device
is
stuck
in
a
proximity-detected state, the user can touch the sensor
pad and then release. This action will release the
proximity-detected state (see Figure 5-2).
FIGURE 5-2:
RESET BY TOUCH AND
RELEASE
Note:
In non-detected state, because the device
goes to Sleep for a certain time, the Reset
pulse duration should be 4.5 ms plus the
Sleep time.
MTPM
MTPM
>4.5 ms
>4.5 ms
Normal mode
Low-Power mode
Finger touches the sensor pad
Finger releases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com