Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160220 Datasheet(PDF) 5 Page - Microchip Technology

Part # DM160220
Description  Single-Channel Proximity Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160220 Datasheet(HTML) 5 Page - Microchip Technology

  DM160220 Datasheet HTML 1Page - Microchip Technology DM160220 Datasheet HTML 2Page - Microchip Technology DM160220 Datasheet HTML 3Page - Microchip Technology DM160220 Datasheet HTML 4Page - Microchip Technology DM160220 Datasheet HTML 5Page - Microchip Technology DM160220 Datasheet HTML 6Page - Microchip Technology DM160220 Datasheet HTML 7Page - Microchip Technology DM160220 Datasheet HTML 8Page - Microchip Technology DM160220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2012-2013 Microchip Technology Inc.
Preliminary
DS40001664B-page 5
MTCH101
3.0
SENSITIVITY ADJUSTMENT
The sensitivity of the system determines how far and
fast it can respond to proximity or touch. The MTCH101
provides the MTSA pin to adjust the sensitivity, and the
voltage on this pin will determine the sensitivity. VDD
voltage will give the lowest sensitivity, while GND
voltage will give the highest sensitivity.
The device will sample the voltage on the MTSA pin
after each scan, so it does not only support setting a
fixed sensitivity by a resistor ladder, but it also allows
adjusting the sensitivity dynamically, while the device is
running.
A
Digital-to-Analog
Converter
(DAC)
controlled by the host, or a hardware potentiometer can
be used to adjust the sensitivity. See typical circuit in
Figure 3-1 to Figure 3-4.
FIGURE 3-1:
FIXED SENSITIVITY
USING RESISTOR
LADDER
FIGURE 3-2:
HARDWARE SENSITIVITY
ADJUST USING
POTENTIOMETER
FIGURE 3-3:
SENSITIVITY
CONTROLLED BY HOST
USING DAC
FIGURE 3-4:
SENSITIVITY
CONTROLLED BY HOST
USING PWM
MTSA
R3
VDD
10k
Note: Both R1 and R2 are recommended to be
greater than 100K for lower power consumption.
R1
R2
MTSA
R2
VDD
10k
R1
Note 1:
Application Note AN538, “Using PWM to
Generate Analog Output”
has details
about how to choose appropriate R and C
values.
MTSA
R2
10k
Host
DAC
MTSA
R
Host
PWM
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com