Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160220 Datasheet(PDF) 6 Page - Microchip Technology

Part # DM160220
Description  Single-Channel Proximity Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160220 Datasheet(HTML) 6 Page - Microchip Technology

Back Button DM160220 Datasheet HTML 2Page - Microchip Technology DM160220 Datasheet HTML 3Page - Microchip Technology DM160220 Datasheet HTML 4Page - Microchip Technology DM160220 Datasheet HTML 5Page - Microchip Technology DM160220 Datasheet HTML 6Page - Microchip Technology DM160220 Datasheet HTML 7Page - Microchip Technology DM160220 Datasheet HTML 8Page - Microchip Technology DM160220 Datasheet HTML 9Page - Microchip Technology DM160220 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MTCH101
DS40001664B-page 6
Preliminary
 2012-2013 Microchip Technology Inc.
4.0
POWER MODE
The MTCH101 has two power mode options: Normal
mode and Low-Power mode. The state of the MTPM
pin determines the power mode.
4.1
Normal Mode Option
The device will run in Normal mode if the MTPM pin is
set high and no proximity or touch is detected. In this
mode, after an active scan, sleep time is between 69
and 105 ms, as shown in Figure 4-1. The sleep time
depends on the VDD voltage, the lower the voltage, the
more time it will be in the Idle state.
FIGURE 4-1:
NORMAL MODE
4.2
Low-Power Mode Option
The device will run in Low-Power mode if the MTPM pin
is set low and no proximity or touch is detected. In this
mode, after an active scan, sleep time is between 572
and 845 ms, as shown in Figure 4-2. As in Normal
mode, the sleep time depends on the VDD voltage, the
lower the voltage, the more time it will be in the Idle
state.
FIGURE 4-2:
LOW-POWER MODE
Note:
If the device makes a proximity or touch
detection, it will automatically perform
active scans continually. Once the device
releases from its proximity-detected state,
it will return to the power mode set by the
MTPM pin.
MTI
Active
Scan
Sleep: 69~105 ms
MTI
Active
Scan
Sleep: 572~845 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com