Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160220 Datasheet(PDF) 10 Page - Microchip Technology

Part # DM160220
Description  Single-Channel Proximity Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160220 Datasheet(HTML) 10 Page - Microchip Technology

Back Button DM160220 Datasheet HTML 6Page - Microchip Technology DM160220 Datasheet HTML 7Page - Microchip Technology DM160220 Datasheet HTML 8Page - Microchip Technology DM160220 Datasheet HTML 9Page - Microchip Technology DM160220 Datasheet HTML 10Page - Microchip Technology DM160220 Datasheet HTML 11Page - Microchip Technology DM160220 Datasheet HTML 12Page - Microchip Technology DM160220 Datasheet HTML 13Page - Microchip Technology DM160220 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MTCH101
DS40001664B-page 10
Preliminary
 2012-2013 Microchip Technology Inc.
8.0
ELECTRICAL CHARACTERISTICS
8.1
Absolute Maximum Ratings(†)
Ambient temperature under bias ..........................................................................................................-40°C to +125°C
Storage temperature ............................................................................................................................-65°C to +150°C
Voltage on pins with respect to VSS
on VDD pin....................................................................................................................................0 to +6.5V
on all other pins .......................................................................................................... -0.3V to (VDD + 0.3V)
Max. current
out of VSS pin .....................................................................................................................................80 mA
into VDD pin ........................................................................................................................................80 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
20 mA
Max. output current
sunk by any I/O pin ............................................................................................................................25 mA
sourced by any I/O pin .......................................................................................................................25 mA
8.2
Standard Operating Conditions
The standard operating conditions for any device are defined as:
Operating Voltage:
VDDMIN
VDD VDDMAX
Operating Temperature:
TA_MIN
TA TA_MAX
VDD — Operating Supply Voltage(1)
VDDMIN ......................................................................................................................................... +2.0V
VDDMAX ........................................................................................................................................ +5.5V
TA — Operating Ambient Temperature Range
Industrial Temperature
TA_MIN .......................................................................................................................................... -40°C
TA_MAX ........................................................................................................................................ +85°C
†NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Note 1:
See Parameter D001 in Table 8-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com