Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160220 Datasheet(PDF) 1 Page - Microchip Technology

Part # DM160220
Description  Single-Channel Proximity Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160220 Datasheet(HTML) 1 Page - Microchip Technology

  DM160220 Datasheet HTML 1Page - Microchip Technology DM160220 Datasheet HTML 2Page - Microchip Technology DM160220 Datasheet HTML 3Page - Microchip Technology DM160220 Datasheet HTML 4Page - Microchip Technology DM160220 Datasheet HTML 5Page - Microchip Technology DM160220 Datasheet HTML 6Page - Microchip Technology DM160220 Datasheet HTML 7Page - Microchip Technology DM160220 Datasheet HTML 8Page - Microchip Technology DM160220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2012-2013 Microchip Technology Inc.
Preliminary
DS40001664B-page 1
MTCH101
Features:
• Capacitive Proximity Detection System:
- High Signal to Noise Ratio (SNR)
- Adjustable sensitivity
- Noise rejection filters
- Automatic Environmental Compensation
- Wide range of sensor shape and size support
- Stuck Release Mechanism
• No External Components
• Low-Power mode
• Response Time Down to 75 ms
• Wide Operative Voltage:
- 2.0V to 5.5V
• Operating Temperature:
- -40°C to +85°C
Applications:
• Light Switch
• Portable Device Enabler
• White Goods and Appliances
• Office Equipment and Toys
• Display and Keypad Backlighting Activation
• SAR Compliant Application
Package Type
The device is available in 6-lead SOT-23 packaging
(see Figure 1).
FIGURE 1:
6-PIN DIAGRAM
TABLE 1:
6-PIN SOT-23 PINOUT
DESCRIPTION
I/O
6-Pin SOT-23
Description
MTI
1
Proximity Sensor Input
VSS
2
Ground
MTSA
3
Sensitivity Adjust Input
MTO
4
Detect Output (Active-Low)
VDD
5
Power Supply Input
MTPM
6
Low-Power mode Select
(Active-Low)
1
2
3
VDD
Vss
6
5
4
SOT-23
MTI
MTSA
MTO
MTPM
Single-Channel Proximity Detector


Similar Part No. - DM160220

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DM160228 MICROCHIP-DM160228 Datasheet
306Kb / 2P
MPLAB® PICkit™ 4 In-Circuit Debugger/ProgrammerC
2018
More results

Similar Description - DM160220

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS209A CHERRY-CS209A Datasheet
166Kb / 6P
Proximity Detector
Rev. 3/11/99
logo
ON Semiconductor
CS209A ONSEMI-CS209A Datasheet
219Kb / 8P
Proximity Detector
July, 2006 ??Rev. 3
logo
Microchip Technology
MTCH101 MICROCHIP-MTCH101_22 Datasheet
538Kb / 22P
Single-Channel Proximity Detector
2012 10/26/12
logo
ams AG
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
DIGITAL PROXIMITY DETECTOR
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
Silicon Laboratories
SI1102 SILABS-SI1102 Datasheet
139Kb / 16P
OPTICAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
Digital Proximity Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com