Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9904T-2E/RW Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP9904T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9904T-2E/RW Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP9904T-2E/RW Datasheet HTML 19Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 20Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 21Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 22Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 23Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 24Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 25Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 26Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 23
MCP9902/3/4
)
REGISTER 5-3:
EXT(N) TEMP HI BYTE: EXTERNAL DIODE HIGH BYTE TEMPERATURE DATA
REGISTER (ADDRESSES 01H, 23H, 2AH)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
EXT(N)_HB<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-0
EXT(N)_HB<7:0>
: 2’s complement integer value of the External Diode n temperature reading, where
n = 1 to 3, depending on the device
REGISTER 5-4:
EXT(N) TEMP LO BYTE: EXTERNAL DIODE LOW BYTE TEMPERATURE DATA
REGISTER (ADDRESSES 10H, 24H, 2BH)
R-0
R-0
R-0
U-0
U-0
U-0
U-0
U-0
EXT(N)_LB<2:0>
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-5
EXT(N)_LB<2:0>
: Fractional portion of the Internal Diode Temperature to be added to the value at
register 00h
111
= 0.875°C
110
= 0.750°C
101
= 0.625°C
100
= 0.500°C
011
= 0.375°C
010
= 0.250°C
001
= 0.125°C
000
= 0.000°C
4-0
Unimplemented
: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com