Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9904T-2E/RW Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP9904T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9904T-2E/RW Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP9904T-2E/RW Datasheet HTML 42Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 43Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 44Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 45Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 46Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 47Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 48Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 49Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 50Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 47
MCP9902/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP9902:
High-Accuracy, Low-Cost, SMBus Temperature Sensor
MCP9903:
High-Accuracy, Low-Cost, SMBus Temperature Sensor
MCP9904:
High-Accuracy, Low-Cost, SMBus Temperature Sensor
Tape and Reel:
T
= Tape and Reel
SMBus
Address:
1= 1001_100(r/w)
2= 1000_101(r/w)
A
= Adjustable
Temperature
Range:
E
= -40°C to +125°C (Extended)
Package:
RW = 8-Lead Plastic Dual Flat, No Lead – 2x2x0.9 mm body
(WDFN)
9Q = 10-Lead Plastic Dual Flat, No Lead – 3x3x0.9 mm body
(VDFN)
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP9902T-AE/RW:Tape and reel, Adjustable,
Extended temperature,
8L-WDFN package
b)
MCP9902T-1E/RW:Tape and reel,
1001_100(r/w)
,
Extended temperature,
8L-WDFN package
c)
MCP9902T-2E/RW:Tape and reel
1000_101(r/w)
,
Extended temperature,
8L-WDFN package
a)
MCP9903T-2E/9Q:Tape and reel
1000_101(r/w)
,
Extended temperature,
10L-VDFN package
b)
MCP9903T-AE/9Q:Tape and reel, Adjustable
Extended temperature,
10L-VDFN package
a)
MCP9904T-1E/9Q:Tape and reel,
1001_100(r/w)
,
Extended temperature,
10L-VDFN package
b)
MCP9904T-2E/9Q:Tape and reel,
1000_101(r/w)
,
Extended temperature,
10L-VDFN package
–X
SMBUS
X
Tape and Reel
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com