Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9904T-2E/RW Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP9904T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9904T-2E/RW Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP9904T-2E/RW Datasheet HTML 30Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 31Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 32Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 33Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 34Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 35Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 36Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 37Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
MCP9902/3/4
DS20005382C-page 34
 2015-2016 Microchip Technology Inc.
REGISTER 5-24:
HI LIM STS – HIGH LIMIT STATUS REGISTER (ADDRESS 35H)
U-0
U-0
U-0
U-0
RC-0
RC-0
RC-0
RC-0
—
—
—
—
E3HIGH
E2HIGH
E1HIGH
IHIGH
bit 7
bit 0
Legend:
RC = Read-then-clear bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit in unknown
7-4
Unimplemented
: Read as ‘0’
3
E3HIGH
: This bit is set when the External Diode 3 exceeds its programmed HIGH limit. Reading this
register will also clear the HIGH bit.
1
= High limit exceeded
0
= High limit not exceeded
2
E2HIGH
: This bit is set when the External Diode 2 exceeds its programmed HIGH limit. Reading this
register will also clear the HIGH bit.
1
= High limit exceeded
0
= High limit not exceeded
1
E1HIGH
: This bit is set when the External Diode 1 exceeds its programmed HIGH limit. Reading this
register will also clear the HIGH bit.
1
= High limit exceeded
0
= High limit not exceeded
0
IHIGH
: This bit is set when the Internal Diode exceeds its programmed high limit. Reading this register
will also clear the HIGH bit.
1
= High limit exceeded
0
= High limit not exceeded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com