Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9904T-2E/RW Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP9904T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9904T-2E/RW Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP9904T-2E/RW Datasheet HTML 40Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 41Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 42Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 43Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 44Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 45Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 46Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 47Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
MCP9902/3/4
DS20005382C-page 44
 2015-2016 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-2206A
10-Lead Very Thin Plastic Dual Flat, No Lead Package (9Q) - 3x3 mm Body [VDFN]
SILK SCREEN
1
2
C
G1
Y1
Y2
(G2)
X1
10
Dimension Limits
Units
CH
Optional Center Pad Width
Center Pad Chamfer
Optional Center Pad Length
Contact Pitch
X2
Y2
2.40
1.70
MILLIMETERS
0.50 BSC
MIN
E
MAX
0.28
Contact Pad Length (X10)
Contact Pad Width (X10)
Y1
X1
0.80
0.30
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
NOM
C
Contact Pad Spacing
3.00
Contact Pad to Contact Pad (X8)
G1
0.20
Contact Pad to Center Pad (X10)
G2
0.25 REF
REF: Reference Dimension, usually without tolerances, for reference only.
Thermal Via Diameter
V
Thermal Via Pitch
VX
Thermal Via Pitch
VY
0.30
1.00
1.00
2X CH
VY
VX
ØV
X2
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
2.
Dimensioning and tolerancing per ASME Y14.5M
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com