Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9904T-2E/RW Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP9904T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9904T-2E/RW Datasheet(HTML) 3 Page - Microchip Technology

  MCP9904T-2E/RW Datasheet HTML 1Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 2Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 3Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 4Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 5Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 6Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 7Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 8Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 3
MCP9902/3/4
1.0
ELECTRICAL CHARACTERISTICS
1.1
Electrical Specifications
Absolute Maximum Ratings(†)
Ambient Temperature under Bias...................................................................................................... -40°C to +125°C
Storage Temperature ....................................................................................................................... -65°C to +150°C
Voltage on VDD with respect to VSS ................................................................................................... -0.3V to +4.0V
Voltage on all other pins with respect to VSS ........................................................................... -0.3V to (VDD + 0.3V)
Total Power Dissipation( 1)............................................................................................................................. 500mW
Maximum Current out of VSS pin ..................................................................................................................... 20 mA
Maximum Current into VDD pin ........................................................................................................................ 20 mA
Clamp Current, IK (VPIN < 0 or VPIN > VDD)20 mA
ESD Rating, All pins HBM................................................................................................................................. 2000V
Input Current, any pin Except VDD 10 mA
Note 1:
Power dissipation is calculated as follows: PDIS =VDD x{IDD –  IOH}+  {(VDD –VOH)x IOH}+
(VOL x IOL). Rating up to +85°C.
† NOTICE
: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions for
extended periods may affect device reliability.
1.2
DC Characteristics
Electrical Characteristics
: Unless otherwise specified, 3.0 ≤ VDD ≤ 3.6V at -40°C ≤ TA ≤ +125°C
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Supply
Supply Voltage
VDD
3.0
3.3
3.6
V
—
Supply Current
IDD
—
200
450
µA
0.0625 conversion/second, dynamic
averaging disabled
—
225
600
µA
1 conversion/second, dynamic
averaging enabled
—
450
850
µA
4 conversions/second, dynamic
averaging enabled
—1120
1500
µA
> 16 conversions/second, dynamic
averaging enabled
One-Shot Supply
Current
IDD_OS
—
170
230
µA
Device in One-Shot state, no active
SMBus communications, ALERT and
THERM pins not asserted.
Standby Supply Current
IDD_SBY
—
170
230
µA
Device in Standby state, no SMBus
communications, ALERT and THERM
pins not asserted.
Power-on Reset
Voltage
POR_V
—
0.6
0.9
V
Pin states defined
Power-On Reset
Release Voltage
PORR
—
1.45
—
V
Rising VDD
Power-Up Timer
tPWRT
—10
—
ms
—
VDD Rise Rate
VDD_RISE
0.05
—
—
V/ms
0 to 3V in 60 ms
Supply Voltage
VDD
3.0
3.3
3.6
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com