Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9904T-2E/RW Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP9904T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9904T-2E/RW Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP9904T-2E/RW Datasheet HTML 3Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 4Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 5Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 6Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 7Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 8Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 9Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 10Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 7
MCP9902/3/4
2.0
TYPICAL OPERATING CURVES
Note
: Unless otherwise indicated 3.0
VDD  3.6V at -40C  TA  +125C.
FIGURE 2-1:
Supply Current vs.
Conversion Rate (TA = +25°C, VDD = 3.3V).
FIGURE 2-2:
IDD vs. Temperature.
FIGURE 2-3:
Temperature Error vs. Filter
Capacitor (VDD = 3.3V, TA =TD = +25°C, 2N3904).
FIGURE 2-4:
Temperature Error vs.
Ambient Temperature (VDD = 3.3V, TD =+25°C,
16 Units, 2N3904).
FIGURE 2-5:
Temperature Error vs.
Remote Temperature. (VDD = 3.3V, TD = +25°C,
16 Units, 2N3904).
FIGURE 2-6:
Temperature Error vs.
Series Resistance (TA = +25°C, VDD =3.3V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
0.01
0.1
1
10
100
Conversion Rate (Hz)
Disabled
Enabled
Dynamic
Averaging
0
50
100
150
200
250
-40C -20C
0C
25C
45C
65C
85C 105C 125C
Average of 5
devices
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0
1000
2000
3000
4000
Filter Capacitance (pF)
-4
-3
-2
-1
0
1
2
3
4
Temperature (°C)
V
DD = 3.3V
T
D = 25°C
30 Units
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
Temperature (°C)
0
20
40
60
80
100
120
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
50
100
150
200
250
Series Resistance (Ω)
Disabled
Enabled
REC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com