Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9904T-2E/RW Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP9904T-2E/RW
Description  Multi-Channel Low-Temperature Remote Diode Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9904T-2E/RW Datasheet(HTML) 1 Page - Microchip Technology

  MCP9904T-2E/RW Datasheet HTML 1Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 2Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 3Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 4Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 5Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 6Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 7Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 8Page - Microchip Technology MCP9904T-2E/RW Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005382C-page 1
MCP9902/3/4
Features
• Up to Three External Temperature Monitors
- ±1°C maximum accuracy
MCP9902: -40°C to +105°C
MCP9903/4: -40°C to +125°C
- ±2°C maximum accuracy
(+65°C < TDIODE < +125°C)
- 0.125°C resolution
• Internal Temperature Monitor
- ±1°C accuracy
- (-40°C to +65°C)
- 0.125°C resolution
• Supports up to 2.2 nF diode filter capacitor
• Up to 400 kHz clock rate
- Maskable with register control
• Programmable SMBus address
• Operating voltage: 3.0 to 3.6 (V)
• ESD protection: 2 kV HBM
• Temperature Range: -40°C to +125°C
• Available in a small 8-Lead 2x2 mm WDFN and
10-lead 3x3 mm VDFN packages
Typical Applications
• General Purpose Temperature Sensing
• Industrial Freezers and Refrigerators
• Food Processing
• Base Stations
• Remote Radio Unit
Description
The MCP9902/3/4 is a high-accuracy, low-cost,
System Management Bus (SMBus) temperature
sensor. The MCP9902/3/4 monitors up to four
temperature channels. Advanced features such as
Resistance
Error
Correction
(REC),
Beta
Compensation and automatic diode-type detection
combine to provide a robust solution for complex
environmental monitoring applications.
Resistance Error Correction automatically eliminates
the temperature error caused by series resistance
allowing greater flexibility in routing thermal diodes.
Beta Compensation eliminates temperature errors
caused by low, variable beta transistors common in
today's fine geometry processors. The automatic beta
detection feature monitors the external diode/transistor
and determines the optimum sensor settings for
accurate temperature measurements regardless of
processor technology. This frees the user from
providing unique sensor configurations for each
temperature monitoring application. These advanced
features plus ±1°C measurement accuracy for both
external and internal diode temperatures provide a
low-cost, highly flexible and accurate solution for
critical temperature monitoring applications.
Package Types
1
2
3
4
8
7
6
5
EP
9
VDD
DP1
DN1
THERM/ADDR
SMCLK
SMDATA
ALERT/THERM2
GND
MCP9902
2 x 2 WDFN*
1
2
3
4
10
9
8
7
EP
11
VDD
DP1
DN1
DP2
SMCLK
SMDATA
ALERT/THERM2
THERM/ADDR
5
6
DN2
GND
MCP9903
3x3 VDFN*
1
2
3
4
10
9
8
7
EP
11
VDD
DP1
DN1
DP2/DN3
SMCLK
SMDATA
ALERT/THERM2
THERM/ADDR
5
6
DN2/DP3
GND
MCP9904
3 x 3 VDFN*
* Includes Exposed Thermal Pad (EP); see Table 3-1.
Multi-Channel Low-Temperature Remote Diode Sensor


Similar Part No. - MCP9904T-2E/RW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
Temperature Switch with Selectable Hysteresis
2011
MCP9501 MICROCHIP-MCP9501 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
MCP9501 MICROCHIP-MCP9501 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
MCP9502 MICROCHIP-MCP9502 Datasheet
338Kb / 20P
Temperature Switch with Selectable Hysteresis
2011
MCP9502 MICROCHIP-MCP9502 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
More results

Similar Description - MCP9904T-2E/RW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95221 NSC-LM95221 Datasheet
282Kb / 16P
Dual Remote Diode Digital Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
Precision Remote Diode Digital Temperature Sensor
logo
Linear Technology
LTC2997 LINER-LTC2997_15 Datasheet
186Kb / 18P
Remote/Internal Temperature Sensor
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
Accurate Remote Diode Digital Temperature Sensor
LM64 TI1-LM64 Datasheet
1Mb / 38P
Remote Diode Temperature Sensor
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
logo
Microchip Technology
EMC1812 MICROCHIP-EMC1812 Datasheet
1Mb / 102P
Multi-Channel Low-Voltage Remote Diode Sensor Family
2018
logo
Maxim Integrated Produc...
MAX17135EVKIT MAXIM-MAX17135EVKIT Datasheet
2Mb / 12P
Measures Remote Diode Temperature
Rev 1; 1/12
MAX31730 MAXIM-MAX31730 Datasheet
871Kb / 48P
3-Channel Remote Temperature Sensor
Rev 2; 4/15
logo
E+E Elektronik Ges.m.b....
EE471 EPLUSE-EE471 Datasheet
1Mb / 9P
Temperature Sensor with Remote Probe
09-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com