Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 159Page - STMicroelectronics ST92196A Datasheet HTML 160Page - STMicroelectronics ST92196A Datasheet HTML 161Page - STMicroelectronics ST92196A Datasheet HTML 162Page - STMicroelectronics ST92196A Datasheet HTML 163Page - STMicroelectronics ST92196A Datasheet HTML 164Page - STMicroelectronics ST92196A Datasheet HTML 165Page - STMicroelectronics ST92196A Datasheet HTML 166Page - STMicroelectronics ST92196A Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 268 page
background image
163/268
- CLOSED CAPTION DATA SLICER (DS)
DATA SLICER (Cont’d)
8.6.4 Interrupt handling
If the device has two data slicers, both use the
same interrupt channel. So some additional soft-
ware is needed, when using both slicers at the
same time. Using only one of them (i.e. DS0) al-
lows for software compatibility with the ST9296.
The interrupt requests, issued by the two slicers
are ORed in order to generate an interrupt signal
on the same ST9 interrupt channel.
The internal signals IRQ1 for DS0 / IRQ2 for DS1
(see Figure 68) are activated when the line
number matches the value set by the user in the
first control register and this signal is reset at the
end of the line: the IRQ_INV bit in the CR1 register
allows to select whether the rising edge or the fall-
ing edge of this signal will cause a positive pulse
on CCIRQ1 or CCIRQ2. As the CCIRQ pulses are
very short, the TED0 control bit in the EITR regis-
ter is of very limited use. It is recommended to
keep this bit always at “1” (interrupt on rising
edge).
In order to find out the source of an interrupt re-
quest, each of the two slicers sets the IRFL bit in
the CR2 register when an interrupt request is is-
sued. Both of these flags (IRFL for DS0 and DS1)
must be scanned and then cleared by the software
during every interrupt service routine.
Note: There are situations where data has to be
recovered from one or more lines in only one field,
i.e. either Field#1 or Field#2. In such cases an un-
necessary interrupt is generated in the field that
does not contain any lines with data that is of inter-
est. For example, to recover closed caption data
on Line#21 in Field#1, the half line count LN[5:0] in
the CR1 regsiter can be permanently set to 33.
This value of LN[5:0] will also cause an interrupt to
be generated in the middle of Line#21 in Field#2.
The interrupt routine must therefore determine the
status of the FIELD1 bit in the MR register and im-
mediately return to the main program if this bit is
low.
Note: An interrupt is always generated at the end
of the specified line (and on the corresponding line
of the opposite field).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com