Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 161 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 161 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 157Page - STMicroelectronics ST92196A Datasheet HTML 158Page - STMicroelectronics ST92196A Datasheet HTML 159Page - STMicroelectronics ST92196A Datasheet HTML 160Page - STMicroelectronics ST92196A Datasheet HTML 161Page - STMicroelectronics ST92196A Datasheet HTML 162Page - STMicroelectronics ST92196A Datasheet HTML 163Page - STMicroelectronics ST92196A Datasheet HTML 164Page - STMicroelectronics ST92196A Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 268 page
background image
161/268
- CLOSED CAPTION DATA SLICER (DS)
DATA SLICER (Cont’d)
8.6.3 Data Slicer Operation
The data slicer is enabled or disabled using the
EDS bit in the DR1 register. The Data Slicer clock
frequencies are generated by the clock generator
starting from a basic 4 MHz clock.
The decoder is activated when the output of a half-
line counter matches the value written by the user
in the CR1 register and a horizontal sync pulse is
detected while the match is valid. Odd values of
half-line counts in register CR1 are used to decode
lines in Field#1, even values to decode lines in
Field#2. The CC decoder includes logic for recog-
nizing the current field and generates a corre-
sponding FIELD1 signal.
The slicing level is automatically adjusted during
the clock run-in window to obtain approximately a
50% duty cycle waveform corresponding to the
clock run-in signal at the data slicer output. Refer
to Figure 68.
DSOUT is fed into the data processor where it is
processed for the selected line. The waveforms of
DSOUT at the output of the comparator for signals
received in either closed caption or Gemstar for-
mat are shown in Figure 68. The closed caption
signal starts with 7 cycles of clock run-in signal
with a frequency of about 500KHz, and ends with
16 bits (2 bytes) of data where each bit has a peri-
od of approximately 2µs. The Gemstar signal has
only 5 cycles of the 500KHz clock run-in signal and
transmits 32 bits (4 bytes) of data with the period
of each bit reduced to about 1µs.
Closed caption and Gemstar signals are detected
by looking for their distinctive frame codes. “Frame
code” refers to the characteristic of the signal
waveform in a time interval between the clock run-
in and data sections of the signal as shown in Fig-
ure 68. The frame code detector examines during
a 5µs window selected outputs of a 32-stage shift
register which holds consecutive samples of
DSOUT obtained with a 4MHz clock at.25µs inter-
vals. In normal operation the frame code detector
requires the 5 bits marked with an upward pointing
arrow (^) to be correct, but in a search mode cov-
ering all lines in the vertical blanking interval all 8
bits of the frame code are examined by when the
SEARCH control bit in the CR2 register is set.
Identification of the frame code results in setting
either the CCMODE or GSMODE bit in the MR
register. Then the clock for recovering the follow-
ing 2 or 4 data bytes is activated in correct phase
relative to the data signal. Parity of all data bytes is
checked and appropriate flags EVNP[4:1] are set
correspondingly in the MR register.
An interrupt is always generated at the end of the
specified line and on the corresponding line of the
opposite field, even if no data has been recovered.
The Data Slicer is able to recover data from 2 or
more adjacent lines. However, except for the last
line to be decoded in the current field, in such a sit-
uation recovered data bytes must be read out with-
in a time period of 18µs after an interrupt has oc-
curred.
During normal operation, the interrupt should oc-
cur at the end of the selected line. However, if data
must be recovered from adjacent lines in the same
field, then it becomes necessary for some of the
lines to generate an interrupt at the leading edge
of interrupt signal, and thereafter for the same line
at the trailing edge of the interrupt signal. The
IRQ_INV bit in the CR1 Register controls the po-
larity of the interrupt signal. The TED0 bit in the
EITR register should be set to “1” and INV_IRQ
should be used to control the data slicer interrupt
polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com