Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 154Page - STMicroelectronics ST92196A Datasheet HTML 155Page - STMicroelectronics ST92196A Datasheet HTML 156Page - STMicroelectronics ST92196A Datasheet HTML 157Page - STMicroelectronics ST92196A Datasheet HTML 158Page - STMicroelectronics ST92196A Datasheet HTML 159Page - STMicroelectronics ST92196A Datasheet HTML 160Page - STMicroelectronics ST92196A Datasheet HTML 161Page - STMicroelectronics ST92196A Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 268 page
background image
158/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
SCAN LINE REGISTER (OSDSLR)
R251 - Read Only
Register Page: 42
Reset Value: xxxx xxxx (xxh)
Bits 7:0 = SL[7:0]
Scan Line Counter Value
These bits indicate the current vertical position of
the TV beam.
The most significant bit SL8 of this counter is locat-
ed in the Flag Bit register OSDFBR (see below).
This counter starts from 0 at the top of the screen
(i.e. after the Vsync pulse) and is incremented by
HSYNC.
MUTE REGISTER (OSDMR)
R252 - Read/Write
Register Page: 42
Reset Value: 00xx x000
Bit 7 = ADMULT
Address Multiply control bit
This bit, together with the ODEVN bit, controls the,
OSDRAM address generation. (Refer to the note
below for more details)
0: The CPU address is used to address the OS-
DRAM, i.e. the CPU address LSB bit is used as
OSDRAM address LSB.
1: The CPU address is multiplied by 2 and the
ODEVN control bit is used as the OSDRAM LSB
address bit.
Note: This mechanism is intended for improved
software compatibility with the ST9296 when the
Display works in basic parallel mode; it allows to
do a buffer transfer to the OSDRAM using a basic
"ld memory-to-memory with post-increment" in-
struction; i.e.: ld(..)+, ('')+ to fill up the row buffer,
making an automatic reservation for the attribute
byte associated with the character.
Bit 6 = ODEVN
Odd/Even address control bit
This bit controls the OSDRAM address LSB bit
when the ADMULT bit is high.
Refer to the ADMULT bit description for further de-
tails.
Bits 5:3 are reserved
Bits 2:0 = LSM[2:0]
Line Start Mute value
These bits are used to program the mute duration
after the beginning of each TV line.
When the Display works in 1H mode the mute du-
ration can be adjusted in 2µs steps from 2 to 14 µs.
When the Display works in 2H mode the mute du-
ration can be adjusted in 1µs steps from 1 to 7 µs.
The LSM bits also define the HSY flag duration.
The Mute duration is expressed by the following
equation (the “1µs” is a frequency issued from the
crystal oscillator):
for 2H display mode: Tmute = LSM[2:0] * (1 µs)
for 1H display mode: Tmute = LSM[2:0] * 2*(1 µs)
in both 1H/2H modes, if LSM[2:0] = 0 then Tmute =
Hsync width.
70
SL7
SL6
SL5
SL4
SL3
SL2
SL1
SL0
70
ADMULT ODEVN
-
-
-
LSM2
LSM1 LSM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com