Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 151Page - STMicroelectronics ST92196A Datasheet HTML 152Page - STMicroelectronics ST92196A Datasheet HTML 153Page - STMicroelectronics ST92196A Datasheet HTML 154Page - STMicroelectronics ST92196A Datasheet HTML 155Page - STMicroelectronics ST92196A Datasheet HTML 156Page - STMicroelectronics ST92196A Datasheet HTML 157Page - STMicroelectronics ST92196A Datasheet HTML 158Page - STMicroelectronics ST92196A Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 268 page
background image
155/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
Bit 3 = NIDS
Non Interlaced Display control bit
This bit selects the interlaced or non-interlaced
mode.
0: The display works in interlaced mode (line
counting, fringe and rounding algorithms are 2-
field based)
1: The display works in non-interlaced mode (line
counting, fringe and rounding algorithms are 1-
field based).
Bit 2 = TSLE
Translucency Enable bit
This bit enables or disables the digital translucen-
cy signal (TSLU) generation. (Refer to the Section
8.5.3.11).
0: The TSLU signal built by the Display controller
remains continuously idle regardless of the OSD
activity.
1: The TSLU signal carries the real time back-
ground information and can be output through
the I/O pin alternate function.
Bit 1 = MOPE
Mouse Pointer Enable.
This bit enables or disables the Mouse Pointer.
0: The Mouse Pointer is disabled
1: The Mouse Pointer is enabled.
Note: When the Mouse Pointer feature is not im-
plemented, this bit becomes "reserved".
The MOPE bit also acts as a Mouse Pointer inter-
rupt Enable: enabling the Mouse pointer allows
automatically enables the Mouse Pointer interrupt
generation.
Bit 0 = FPIXC
Fast Pixel Clock control bit
This bit handles the divide-by-2 prescaler inserted
between the Skew Corrector output and the Dis-
play Pixel clock input.
0: The Skew corrector clock output is divided by 2
to provide the Pixel clock.
1: The Skew corrector clock output is directly tak-
en as the Pixel Clock.
Note: For further information, refer to the Timing
and Clock Control chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com