Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 148Page - STMicroelectronics ST92196A Datasheet HTML 149Page - STMicroelectronics ST92196A Datasheet HTML 150Page - STMicroelectronics ST92196A Datasheet HTML 151Page - STMicroelectronics ST92196A Datasheet HTML 152Page - STMicroelectronics ST92196A Datasheet HTML 153Page - STMicroelectronics ST92196A Datasheet HTML 154Page - STMicroelectronics ST92196A Datasheet HTML 155Page - STMicroelectronics ST92196A Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 268 page
background image
152/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.9 Register Description
To run the Display controller properly, you need to
program the 7 registers that configure the display
BORDER COLOR REGISTER 2 (OSDBCR2)
R246 - Read/Write
Register Page: 42
Reset Value: 0x00 0000
Bit 7 = B2BC
Background to Border Color control
bit.
This bit allows to force the background color of all
the characters to the border color.
0: All characters backgrounds are normally dis-
played
1: All character backgrounds are forced to the cur-
rent border color and translucency level.
Bit 6 = Reserved
Bits 5:3 = BOS[2:0]
Border color translucency
These bits control the Border color translucency.
BOS[2:0] = 7 means that the border color will be
fully opaque (no video mixed in it on the display)
BOS[2:0] = 0 means that the border color will be
fully transparent (the video is displayed instead of
this color)
Bits 2:0 = BOR[2:0]
Red Border color
These bits configure the red intensity for the bor-
der color.
BOR[2:0] = 0 means that no red is used to define
the border color.
BOR[2:0] = 7 means that the maximum red inten-
sity is used in the border color.
BORDER COLOR REGISTER 1 (OSDBCR1)
R247 - Read/Write
Register Page: 42
Reset Value: 0x00 0000
Bit 7 = DIFB
Digital FB control bit
This bit selects the Fast Blanking (FB) output as
analog or digital.
0: The FB DAC works as an 8-level DAC output
from 0V up to 1V (with a 500ohms internal im-
pedance to ground).
1: The FB DAC works as a 2-level DAC output, the
high level providing an amplitude higher than
2.7 volts. All translucency control bits are man-
aged as follows:
- the code (0,0,0) generates a “0” output (0 volt),
- all other codes generate a “1” output (>2.7 V).
Note: This applies to BT[2:0], FT[2:0], U2T[2:0],
U2T[2:0] and BOS[2:0] (refer to Section 8.5.6.3,
Section 8.5.6.4 and Section 8.5.6.1, and to the
OSDBCR2 register).
Bit 6 = Reserved
Bits 5:3 = BOG[2:0]
Green Border color
These bits configure the green intensity for the
border color.
BOG[2:0] = 0 means that no green is used to de-
fine the border color.
BOG[2:0] = 7 means that the maximum green in-
tensity is used in the border color.
Bits 2:0 = BOB[2:0]
Blue Border color
These bits configure the blue intensity for the bor-
der color.
BOB[2:0] = 0 means that no blue is used to define
the border color.
BOB[2:0] = 7 means that the maximum blue inten-
sity is used in the border color.
70
B2BC
BOS2
BOS1
BOS0
BOR2
BOR1 BOR0
70
DIFB
-
BOG2
BOG1
BOG0
BOB2
BOB1 BOB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com