Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 147Page - STMicroelectronics ST92196A Datasheet HTML 148Page - STMicroelectronics ST92196A Datasheet HTML 149Page - STMicroelectronics ST92196A Datasheet HTML 150Page - STMicroelectronics ST92196A Datasheet HTML 151Page - STMicroelectronics ST92196A Datasheet HTML 152Page - STMicroelectronics ST92196A Datasheet HTML 153Page - STMicroelectronics ST92196A Datasheet HTML 154Page - STMicroelectronics ST92196A Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 268 page
background image
151/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
The real time control provides:
– A continuous search of matching values be-
tween Scan line and Event Line (this condition
being evaluated at each TV line start).
– A display interrupt generation when the match
condition is detected.
– In “full OSD mode”, if the TE bit in the OSDER
register is set, the switch from one row buffer to
the second row buffer when the match occurs. If
the TE bit in the OSDER register is reset, when a
matching condition occurs, the previous row buff-
er will be kept.
8.5.8.9
Handling
the
Row
Buffers
in
Continuous Mode:
– When the line match condition is detected, an in-
terrupt is sent to the CPU.
Let us then assume the TE bit in the OSDER reg-
ister is set. When the interrupt is executed:
– The Event Line value must be programmed to
the next desired value.
– The next Row Buffer content must be filled up by
the data of the next row to display. The next row
buffer is easily identified using the BUFL bit in the
OSDFBR register.
Let us then assume the TE bit in the OSDER reg-
ister is reset. When the interrupt is fetched:
– The Event Line value must be programmed to
the next desired value.
– The Next Row Buffer content might be filled up
by the data of the next row to display, if desired.
– The content of the current Row Buffer is NOT
displayed but simply ignored as it should have al-
ready been displayed in a previous cycle.
Note: In case the TE bit in the OSDER register is
kept reset, there is no need to manage the second
row buffer as it will never be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com