Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 146Page - STMicroelectronics ST92196A Datasheet HTML 147Page - STMicroelectronics ST92196A Datasheet HTML 148Page - STMicroelectronics ST92196A Datasheet HTML 149Page - STMicroelectronics ST92196A Datasheet HTML 150Page - STMicroelectronics ST92196A Datasheet HTML 151Page - STMicroelectronics ST92196A Datasheet HTML 152Page - STMicroelectronics ST92196A Datasheet HTML 153Page - STMicroelectronics ST92196A Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 268 page
background image
150/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.8.8 Row Buffer Management
To Start the Display:
0. Write the (DION, OSDE) bits to (1,0) to access
the OSDRAM with the CPU clock,
1. Initialize the color palettes,
2. Initialize the Mouse Pointer Data (if needed),
3. Initialize the “first buffer start address” with the
address of the first byte of the above Row
Buffer (address 0002h & 0003h of the segment
22h),
4. Fill up one of the row buffers with the data to
display the desired row (only in case the TE bit
in the OSDER register has been set),
5. Initialize the Event Line value to the desired
one (address 0000h & 0001h of the segment
22h),
6. Set the MOPE bit (if needed),
7. Start the Display controller by programming the
mode control bits (DION, OSDE) and the trans-
fer enable bit (TE) to the desired working mode.
It is mandatory to start the display following the
algorithm below:
1
unsigned char tmp;
spp(OSD_PG);
/* select the OSD register page */
OSDFBR &= ~0x06;
/* reset DINT & MOIT bits */
5
while (OSDFBR & OSDm_Vsy);
/* wait a Low to High transition on VSYNC */
while (!(OSDFBR & OSDm_Vsy));
tmp= OSDMR;
/* save LSM bits */
10
OSDMR &= ~0x07;
/* reset the LSM bits so that the Hsy bit will be an image of the HSYNC pulse */
OSDER = 0x40;
/* OSDRAM interface enabled with PIXEL clock */
di();
/* disable all interrupts */
15
while (OSDFBR & OSDm_Hsy);
/* wait a HSYNC pulse : Low -> High -> Low transition */
while (!(OSDFBR & OSDm_Hsy));
while (OSDFBR & OSDm_Hsy);
20
OSDMR = tmp;
/* recover old LSM bit value */
spp(OSD_PG);
/* select the OSD register page */
OSDER |= 0xE2;
/* start the display by setting the appropriate bits,
set at least OSDE, DION, and TE bits. Then set the other bits as required
25
for your application. Here the MOPE (MOuse Pointer Enable) bit is also set */
ei();
/* enable interrupts again*/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com