Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 142Page - STMicroelectronics ST92196A Datasheet HTML 143Page - STMicroelectronics ST92196A Datasheet HTML 144Page - STMicroelectronics ST92196A Datasheet HTML 145Page - STMicroelectronics ST92196A Datasheet HTML 146Page - STMicroelectronics ST92196A Datasheet HTML 147Page - STMicroelectronics ST92196A Datasheet HTML 148Page - STMicroelectronics ST92196A Datasheet HTML 149Page - STMicroelectronics ST92196A Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 268 page
background image
146/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
Foreground Serial Attribute
Address in Segment 22h: 2p + 5 + z. See Figure
59
Bit 5 = FLA
Flash control bit
This bit controls the flashing feature (see Section
0.2.4.2).
0: All the following characters in the row are not af-
fected by the flashing mechanism.
1: All the following characters in the row follow the
flashing mechanism.
Note: Flashing characters are alternatively dis-
played as spaces and in normal mode (non-flash-
ing), depending on the value of the FON bit in the
Row Attribute byte (see Section 8.5.8.3).
The flash rate is controlled by software by toggling
the "FON" bit.
Bit 4 = IT
Italics control bit
This bit enables the italic feature for the row. (See
Section 8.5.3.6)
0: Italics are disabled.
1: All the following characters, until the end of the
row, or the next foreground serial attribute are
displayed in italics.
Note: Italics mode is only available in serial mode.
Bits 3:0 = FP[3:0]
Foreground Palette pointer
The FP[3:0] value points to one of the 16 prede-
fined entries of the foreground palette for fore-
ground color, translucency and underline style of
all the following characters (see Section 8.5.6.3).
For example, FP[3:0] = 0 points to the first fore-
ground palette entry, 10h & 11h if the palette swap
bit PASW of the OSDDR register is reset.
8.5.8.6 Basic Parallel Mode
In basic parallel mode, each character code (1
byte) is followed by a palette attribute (1 byte). See
Figure 59.
Let’s assume that the start address of the current
row buffer is 2p (even address).
In this case the character codes are stored in OS-
DRAM at the address 2p+4+2z, and the palette at-
tributes are stored in the OSDRAM at the address
2p+5+2z, where z ranges from 1 to RCN (RCN is
the row character count defined in Section
8.5.8.2).
The character code structure allows pointing to the
first 256 characters of the font ROM (the character
code value = the character number in font ROM).
CHARACTER CODE IN BASIC PARALLEL
MODE
Address in Segment 22h: 2p+4+2z. See Figure
59.
Bits 7:0 = CHC[7:0]
Character Code in basic par-
allel mode
The CHC[7:0] value points to one of the first 256
characters stored in the font ROM.
PALETTE ATTRIBUTE
Address in segment 22h: 2p+5+2z. See Figure 59.
Bits 7:4 = FP[3:0]
Foreground Palette pointer
The FP[3:0] value points to one of the 16 prede-
fined entries of the foreground palette for the fore-
ground color, the translucency and the underline
style of all the following characters (see Section
8.5.6.3 for further details).
For example, FP[3:0] = 0 points to the first fore-
ground palette entry, 10h & 11h if the palette swap
bit PASW of the OSDDR register is reset (see reg-
isters description for more details).
Bits 3:0 = BP[3:0]
Background Palette pointer
The BP[3:0] value points to one of the 16 prede-
fined entries of the background palette for the
background color and the translucency.
For example, BP[3:0] = 0 points to the first back-
ground palette entry, 30h & 31h if the palette swap
bit PASW of the OSDDR register is reset (see reg-
isters description for more details).
Note: the background color of the character is af-
fected by the use of the “M” bit located in the Back-
ground Palette (see Section 8.5.6.4).
70
1
0
FLA
IT
FP3
FP2
FP1
FP0
70
CHC7
CHC6
CHC5
CHC4
CHC3
CHC2
CHC1 CHC0
70
FP3
FP2
FP1
FP0
BP3
BP2
BP1
BP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com