Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 139Page - STMicroelectronics ST92196A Datasheet HTML 140Page - STMicroelectronics ST92196A Datasheet HTML 141Page - STMicroelectronics ST92196A Datasheet HTML 142Page - STMicroelectronics ST92196A Datasheet HTML 143Page - STMicroelectronics ST92196A Datasheet HTML 144Page - STMicroelectronics ST92196A Datasheet HTML 145Page - STMicroelectronics ST92196A Datasheet HTML 146Page - STMicroelectronics ST92196A Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 268 page
background image
143/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.8.3 Row Attributes
Address in Segment 22h: 2p + 4. See Figure 59.
For each row to be displayed, specify the font ma-
trix used (9x13 or 18x26), the size of the charac-
ters, the rounding, the fringe and the flash mode.
Let’s assume that the start address of the current
row buffer is 2p (even address).
Bit 7 = FM
Font Matrix
This bit selects the 9x13 or the 18x26 font matrix
for the current row.
The FM bit is not an address extension bit but it af-
fects how the Font ROM content is addressed.
0: the characters use a 9x13 font matrix.
1: the characters use an 18x26 font matrix
Bit 6 = UH
Upper Half
When 18x26 characters are displayed in double
height (i.e. if the DBLY parallel attribute is set), the
UH bit defines if the current row displays the lower
or upper half of the character.
This bit has no effect when a 9x13 matrix is used
or when the character has normal height (when
DBLY= 0).
0: the lower half of the double-height character is
displayed.
1: the upper half of the double-height character is
displayed.
Bit 5 = Free for the user
Bit 4 = SY
Vertical Size control bit
This bit defines the character Dot height
Refer to Table 26, Table 27, and Table 28 for com-
plete details.
Note: The dot height is also affected by DBLY, de-
fined in the parallel attribute section.
Bit 3 = SX
Horizontal Size control bit
This bit defines the character Dot width
Refer to Table 26, Table 27, and Table 28 for com-
plete details.
Note: The dot width is also affected by DBLX, de-
fined in the parallel attribute section.
Table 26. 9x13 Font Matrix
Table 27. 18x26 Font Matrix (1)
Table 28. 18x26 Font Matrix (2)
Note: In 18x26 matrix mode, this mechanism pro-
vides 7 different sizes which are: 1Y-1X, 2Y-2X,
4Y-4X but also 2Y-1X, 1Y-2X, 4Y-2X, 2Y-4X.
Note: When the Display controller works in basic
parallel mode, the DBLX and DBLY bits are not ac-
cessible, and are assumed to be always pro-
grammed to “0”.
Bit 2 = FON
Flash ON control bit
This bit is used to control the flashing period by
software. It is only available in serial and extended
parallel modes. This bit has no effect in basic par-
allel mode.
0: the flashing mechanism is disabled for the
whole row in all modes.
1: the flashing mechanism is enabled for the whole
row. All characters described in the row with a
serial or a parallel flash attribute are displayed
as space with background color. Underline also
flashes.
70
FM
UH
SY
SX
FON
ROU
FR
SY
SX
Dot Height
Dot Width
Matrix size
0
0
2 lines
2 pixels
1Y-1X
0
1
2 lines
3 pixels
1Y-1.5X
1
0
4 lines
3 pixels
2Y-1.5X
1
1
4 lines
4 pixels
2Y-2X
SX
Character
width
DBLX=0
Dot
width
Character
width
DBLX=1
Dot
width
0
1X
1 pixel
2X
2 pixels
1
2X
2 pixels
4X
4 pixels
SY
Vertical Dot Size
DBLY = 0
Vertical Dot Size
DBLY = 1
0
1 line
2 lines
1
2 lines
4 lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com