Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 143Page - STMicroelectronics ST92196A Datasheet HTML 144Page - STMicroelectronics ST92196A Datasheet HTML 145Page - STMicroelectronics ST92196A Datasheet HTML 146Page - STMicroelectronics ST92196A Datasheet HTML 147Page - STMicroelectronics ST92196A Datasheet HTML 148Page - STMicroelectronics ST92196A Datasheet HTML 149Page - STMicroelectronics ST92196A Datasheet HTML 150Page - STMicroelectronics ST92196A Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 268 page
background image
147/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.8.7 Extended Parallel Mode
In extended parallel mode, each character code (1
byte) is followed by a palette attribute (1 byte) and
a shape attribute (1 byte). Refer to Figure 59.
Let’s assume that the start address of the current
row buffer is 2p (even address).
The character codes are stored in the OSDRAM at
the address 2p+3+3z, the palette attributes are
stored at the address 2p+4+3z, and the shape at-
tributes are stored at the address 2p+5+3z, where
z range value is 1 to RCN (RCN is the row charac-
ter count defined in Section 8.5.8.2).
The character code structure, using the shape at-
tribute, allows you to point to any of the font ROM
characters.
The shape attribute definition depends on the font
matrix used for the row (it depends on the FM bit,
see Section 8.5.8.3).
CHARACTER CODE IN EXTENDED PARALLEL
MODE
Address in segment 22h: 2p+3+3z. See Figure 59.
Bits 7:0 = CHC[7:0]
Character Code in extended
parallel mode
The CHC[7:0] bits are used, combined with 3 or 1
bits of the shape attribute (for a 9x13 or 18x26 ma-
trix), to point to any of the characters stored in the
font ROM (refer to the shape attribute description
for more details).
PALETTE ATTRIBUTE
Address in segment 22h: 2p+4+3z. See Figure 59.
Refer to Section 8.5.8.6 for the bit description.
70
CHC7
CHC6
CHC5
CHC4
CHC3
CHC2
CHC1 CHC0
70
FP3
FP2
FP1
FP0
BP3
BP2
BP1
BP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com