Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 145Page - STMicroelectronics ST92196A Datasheet HTML 146Page - STMicroelectronics ST92196A Datasheet HTML 147Page - STMicroelectronics ST92196A Datasheet HTML 148Page - STMicroelectronics ST92196A Datasheet HTML 149Page - STMicroelectronics ST92196A Datasheet HTML 150Page - STMicroelectronics ST92196A Datasheet HTML 151Page - STMicroelectronics ST92196A Datasheet HTML 152Page - STMicroelectronics ST92196A Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 268 page
background image
149/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
SHAPE ATTRIBUTE - 18x26 MATRIX
Address in segment 22h: 2p+5+3z. See Figure 59.
Bit 7 = CODX
Character Code Extension
This bit is used as the character address exten-
sion. Then it is possible to address any of the
18x26 characters of the font ROM.
Let’s assume that the character code is ChC[7:0]
(1 byte), then the character addressed with this
structure is: CODX.ChC[7:0]
Bit 6 = DBLY
Double height control bit
This bit controls the double height feature applied
on the current row height.
0: The character is displayed with the current row
height, as defined by SY (Section 8.5.8.3).
1: The current character is displayed with a double
height than defined by SY. The display of the
lower or upper half of the character is controlled
by the UH row attribute bit (refer to Section
8.5.8.3).
Bit 5 = DBLX
Double width control bit
This bit controls the double width feature applied
to the current row character width.
0: The character is displayed with the current width
as defined by SX (Section 8.5.8.3).
1: The character is displayed in double width, ac-
cording to the following rules:
– It covers the next character location
– The next character location is read and de-
coded but not processed,
– If the character is the last one in the row, it will
be truncated to its left half.
Bits 4:0 = Please refer to the bit descriptions in the
9x13 matrix shape attributes.
70
CODX DBLY
DBLX
FXP
BXP
FOC
SHA
FRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com