Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 137Page - STMicroelectronics ST92196A Datasheet HTML 138Page - STMicroelectronics ST92196A Datasheet HTML 139Page - STMicroelectronics ST92196A Datasheet HTML 140Page - STMicroelectronics ST92196A Datasheet HTML 141Page - STMicroelectronics ST92196A Datasheet HTML 142Page - STMicroelectronics ST92196A Datasheet HTML 143Page - STMicroelectronics ST92196A Datasheet HTML 144Page - STMicroelectronics ST92196A Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 268 page
background image
141/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.8 Programming the Row Buffers
The 2 row buffers are based on the same structure
(Figure 59):
– Next Buffer Start Address
– Row Mode
– Horizontal Shift
– Row Character Count
8.5.8.1 Next Buffer Start Address And Row Mode
Address in Segment 22h: 2p (Bits 15:8), 2p + 1 (Bits 7:0). See Figure 59.
To display more than 1 character row on the
screen, you must specify the start address of the
next OSDRAM row buffer (the row buffer contain-
ing the next row to be displayed when the current
row is completely processed). Two bytes are re-
served for this in the OSDRAM. (See Figure 59).
As it is possible to display each row using different
modes (serial, basic parallel, and extended paral-
lel), the row mode has to be specified for the cur-
rent row buffer.
Bits 15:14 = WM[2:1]
Serial/parallel Row Mode
control
These bits define the row mode for the buffer de-
fined by the Next Buffer Start Address (NSA[8:0]
bits). Refer to Table 25 for details.
Table 25. Serial/Parallel mode control
Bits 13:9 = Free for the user
Bits 8:0 = NSA[8:0]
Next buffer Start Address
These bits define the start address of the next row
buffer.
As row buffer start addresses are always even ad-
dresses, the NSA0 is not implemented, and Bit 0 is
forced to 0 by hardware.
15
8
7
0
WM2
WM1
NSA8 NSA7
NSA6
NSA5
NSA4
NSA3
NSA2
NSA1
0
WM2
WM1
Mode
1
1
(reserved)
1
0
Extended Parallel
0
1
Basic Parallel
0
0
Serial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com