Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 134Page - STMicroelectronics ST92196A Datasheet HTML 135Page - STMicroelectronics ST92196A Datasheet HTML 136Page - STMicroelectronics ST92196A Datasheet HTML 137Page - STMicroelectronics ST92196A Datasheet HTML 138Page - STMicroelectronics ST92196A Datasheet HTML 139Page - STMicroelectronics ST92196A Datasheet HTML 140Page - STMicroelectronics ST92196A Datasheet HTML 141Page - STMicroelectronics ST92196A Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 268 page
background image
138/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.7.1 Mouse Coding Data
Address in Segment 22h: 08h (Bits 15:8), 09h (Bits 7:0)
Bit 15 = MPFE
Mouse Pointer Fringe Enable bit
This bit is used to enable or disable the fringe on
the mouse pointer.
0: No fringe.
1: The fringe is activated.
Bit 14 = MPRE
Mouse Pointer Rounding Enable
bit
This bit is used to enable or disable the rounding
on the mouse pointer.
0: No rounding.
1: The rounding is activated.
Bit 13 = MFC4
Mouse Foreground Palette
This bit determines which palette is used for the
mouse pointer color (independently of the setting
of the PASW bit in the OSDDR register).
0: The basic foreground palette is used (address
range in OSDRAM: 10h - 2Fh)
1: The extended foreground palette is used (ad-
dress range in OSDRAM: 50h - 6Fh)
Bits 12:9 = MFC[3:0]
Mouse Foreground Color
code
These bits determine the foreground color of the
mouse pointer.
The MFC[3:0] value points to one of the 16 prede-
fined entries of the foreground palette.
For example, MFC[3:0] = 0 points to 10h & 11h if
MFC4 = 0 (basic foreground palette), and points to
50h & 51h if MFC4 = 1 (extended foreground pal-
ette).
Bit 8 = MPF8
Mouse Pointer Character code
Extension
This bit selects or deselects the character code ex-
tension.
0: Character code extension disabled. The ad-
dressed character number range is 0 - 255.
1: Character code extension enabled. The ad-
dressed character number range is 256 - 383.
Bits 7:0 = MPF[7:0]
Mouse Pointer Character
code
This bit selects a character in the character font.
The character is displayed in 18x26.
If MPF8 = 0, the MFP[7:0] value range is 0 - 255.
If MPF8 = 1, the MFP[7:0] value range is 0 - 127.
15
8
7
0
MPFE MPRE
MFC4
MFC3
MFC2
MFC1
MFC0 MPF8 MPF7
MPF6
MPF5
MPF4
MPF3
MPF2
MPF1 MPF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com