Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 132Page - STMicroelectronics ST92196A Datasheet HTML 133Page - STMicroelectronics ST92196A Datasheet HTML 134Page - STMicroelectronics ST92196A Datasheet HTML 135Page - STMicroelectronics ST92196A Datasheet HTML 136Page - STMicroelectronics ST92196A Datasheet HTML 137Page - STMicroelectronics ST92196A Datasheet HTML 138Page - STMicroelectronics ST92196A Datasheet HTML 139Page - STMicroelectronics ST92196A Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 268 page
background image
136/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.6.4 Background Palettes
The background palettes (Basic and Extended)
both use the same principle:
The basic background palette is stored in OS-
DRAM (segment 22h) starting from 30h to 4Fh
(see Figure 59).
The extended background palette is stored in OS-
DRAM (segment 22h) starting from 70h to 8Fh
(see Figure 59).
A 16-bit word is used to define each color in the
palette, located at even addresses between 30h
and 4Eh (even value) for the basic background
palette, and between 70h and 8Eh (even value) for
the extended background one.
Figure 63. Basic Background Palette Mapping
Bit 15 = M
Background color change bit.
This bit determines where the background color
change occurs.
0: The background color change takes effect im-
mediately.
1: The background color change occurs in the
center of the character.
Notes:
– When the preceding character is slanted (italics
on, only available in serial mode), a background
color change only occurs in the center of the
character regardless of the M bit value.
– If the M bit is used in parallel mode at the begin-
ning of a row, it is strongly recommended to in-
sert a space or null character before setting the
M bit in order to control the first half background
color.
Bits 14:12 = free for the user
Bits 11:9 = BT[2:0]
Background Translucency
These bits configure the background translucency
level applied to the color (refer to Section 8.5.3.11
for more details).
BT[2:0] = 7 means that this color will be fully
opaque (no video mixed in it on the display)
BT[2:0] = 0 means that this color will be fully trans-
parent (the video is displayed instead of this color)
Bits 8:6 = BR[2:0]
Background Red color
These bits configure the background red intensity
for the color.
BR[2:0] = 0 means that no red is used to define the
color.
BR[2:0] = 7 means that the maximum red intensity
is used in the color.
Bits 5:3 = BG[2:0]
Background Green color
These bits configure the background green inten-
sity for the color.
BG[2:0] = 0 means that no green is used to define
the color.
BG[2:0] = 7 means that the maximum green inten-
sity is used in the color.
Bits 2:0 = BB[2:0]
Background Blue color
These bits configure the background blue intensity
for the color.
BB[2:0] = 0 means that no blue is used to define
the color.
BB[2:0] = 7 means that the maximum blue intensi-
ty is used in the color.
15
8
7
0
M
BT2
BT1
BT0
BR2
BR1
BR0
BG2
BG1
BG0
BB2
BB1
BB0
30h
4Fh
Color
0
Color
1
32h
34h
Color
15
M BT[2:0] BR2
BR[1:0] BG[2:0] BB[2:0]
M BT[2:0] BR2
M BT[2:0] BR2
BR[1:0] BG[2:0] BB[2:0]
BR[1:0] BG[2:0] BB[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com