Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 130Page - STMicroelectronics ST92196A Datasheet HTML 131Page - STMicroelectronics ST92196A Datasheet HTML 132Page - STMicroelectronics ST92196A Datasheet HTML 133Page - STMicroelectronics ST92196A Datasheet HTML 134Page - STMicroelectronics ST92196A Datasheet HTML 135Page - STMicroelectronics ST92196A Datasheet HTML 136Page - STMicroelectronics ST92196A Datasheet HTML 137Page - STMicroelectronics ST92196A Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 268 page
background image
134/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.6.3 Foreground Palettes
The foreground palettes (Basic and Extended)
both use the same principle:
– The basic foreground palette is stored in OS-
DRAM (segment 22h) starting from 10h to 2Fh
(see Figure 59).
– The extended foreground palette is stored in OS-
DRAM (segment 22h) starting from 50h to 6Fh
(see Figure 59).
A 16-bit word is used to define each color in the
palette, located at even addresses between 10h
and 2Eh (even value) for the basic foreground pal-
ette, and between 50h and 6Eh (even value) for
the extended foreground one.
Figure 62. Basic Foreground Palette Mapping
Bits 15 = Free for the user
Bits 14:12 = U[2:0]
Underline mode control bits.
These bits configure the underline mode for the
dot line 12 (lines 23 and 24 if using the 18x26 ma-
trix) and line 13 (lines 25 and 26 if using the 18x26
matrix).
See Table 24.
Bits 11:9 = FT[2:0]
Foreground Translucency
These bits configure the foreground translucency
level applied to the color (refer to Section 8.5.3.11
for more details).
FT[2:0] = 7 means that this color will be fully
opaque (no video mixed in it on the display)
FT[2:0] = 0 means that this color will be fully trans-
parent (the video is displayed instead of this color)
Bits 8:6 = FR[2:0]
Foreground Red color
These bits configure the foreground red intensity
for the color.
FR[2:0] = 0 means that no red is used to define the
color.
FR[2:0] = 7 means that the maximum red intensity
is used in the color.
Bits 5:3 = FG[2:0]
Foreground Green color
These bits configure the foreground green intensi-
ty for the color.
FG[2:0] = 0 means that no green is used to define
the color.
FG[2:0] = 7 means that the maximum green inten-
sity is used in the color.
Bits 2:0 = FB[2:0]
Foreground Blue color
These bits configure the foreground blue intensity
for the color.
FB[2:0] = 0 means that no blue is used to define
the color.
FB[2:0] = 7 means that the maximum blue intensi-
ty is used in the color.
15
8
7
0
U2
U1
U0
FT2
FT1
FT0
FR2
FR1
FR0
FG2
FG1
FG0
FB2
FB1
FB0
10h
2Fh
U[2:0] FT[2:0] FR2
FR[1:0] FG[2:0] FB[2:0]
Color
0
Color
1
12h
U[2:0] FT[2:0] FR2
FR[1:0] FG[2:0] FB[2:0]
14h
Color
15
U[2:0] FT[2:0] FR2
FR[1:0] FG[2:0] FB[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com