Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 131Page - STMicroelectronics ST92196A Datasheet HTML 132Page - STMicroelectronics ST92196A Datasheet HTML 133Page - STMicroelectronics ST92196A Datasheet HTML 134Page - STMicroelectronics ST92196A Datasheet HTML 135Page - STMicroelectronics ST92196A Datasheet HTML 136Page - STMicroelectronics ST92196A Datasheet HTML 137Page - STMicroelectronics ST92196A Datasheet HTML 138Page - STMicroelectronics ST92196A Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 268 page
background image
135/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
Table 24. Underline Mode Control Bits Description
Note: Take care when changing (or stopping) un-
derline mode for a character, when the back-
ground color is displayed with “underline mode
change in the center of the character” (M bit in
Background palette).
In this case, the underline doesn’t stop at the end
of the character but stops in the middle of the fol-
lowing character. The underline color used is the
last background color displayed in the current pixel
line.
This always happens, when changing underline
mode in the following ways:
– From THICK to THIN or no underline
– From one THIN color to another when the under-
lining is not on the same line.
(THICK underline, in a 9 x 13 matrix, is underlining
on 2 lines and, in a 18 x 26 matrix, on 4 lines.
THIN underline, in a 9 x 13 matrix, is underlining
on 1 line and, in a 18 x 26 matrix, on 2 lines.)
U2
U1
U0
Underline color for a 9x13 dot matrix
Underline color for a 18x26 dot matrix
0
0
0
No underline
No underline
0
0
1
Line 12: foreground color
Lines 23-24: foreground color
0
1
0
Line 13: underline color set 1
Lines 25-26: underline color set 1
0
1
1
Line 13: underline color set 2
Lines 25-26: underline color set 2
1
0
0
Line 12-13: underline color set 1
Lines 23-24-25-26: underline color set 1
1
0
1
Line 12-13: underline color set 2
Lines 23-24-25-26: underline color set 2
110
Line 12: underline color set 1; line 13: underline
color set 2
Lines 23-24: underline color set 1; lines 25-26:
underline color set 2
111
Line 12: underline color set 2; line 13: underline
color set 1
Lines 23-24: underline color set 2; lines 25-26:
underline color set 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com