Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 133Page - STMicroelectronics ST92196A Datasheet HTML 134Page - STMicroelectronics ST92196A Datasheet HTML 135Page - STMicroelectronics ST92196A Datasheet HTML 136Page - STMicroelectronics ST92196A Datasheet HTML 137Page - STMicroelectronics ST92196A Datasheet HTML 138Page - STMicroelectronics ST92196A Datasheet HTML 139Page - STMicroelectronics ST92196A Datasheet HTML 140Page - STMicroelectronics ST92196A Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 268 page
background image
137/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.7 Programming the Mouse Pointer
The Mouse Pointer is programmed using two con-
trol bits stored in registers, and three 16-bit words
located in OSDRAM (Figure 59).
The mouse pointer can be defined as any of the
ROM Font characters. The 18x26 matrix is used to
represent it.
Mouse Pointer Attributes
The three 16-bit word attributes are located in OS-
DRAM:
– Mouse Coding Data
– Mouse Pointer Vertical Position
– Mouse Pointer Horizontal Position
Mouse pointer interrupt control
The Mouse Pointer has a dedicated interrupt
source which uses the same interrupt line as the
OSD. Both interrupts (Mouse Pointer and OSD)
are simply ORed at hardware level and forwarded
to the CPU.
The Mouse pointer interrupt is generated as soon
as the Mouse matrix processing is completed.
The Mouse Pointer interrupt generation is auto-
matically enabled as soon as the Mouse Pointer is
activated.
To help identify the actual interrupt source, a flag
(MOIT) is associated with the Mouse Pointer inter-
rupt: this flag is activated when the mouse inter-
rupt is generated and must be cleared by software.
This bit is not the image of the interrupt transient
condition but it keeps trace of the interrupt event
until the software erases it. This bit must be reset
by writing to the Enable register. The Mouse Point-
er interrupt is generated regardless of this flag val-
ue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com