Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 126Page - STMicroelectronics ST92196A Datasheet HTML 127Page - STMicroelectronics ST92196A Datasheet HTML 128Page - STMicroelectronics ST92196A Datasheet HTML 129Page - STMicroelectronics ST92196A Datasheet HTML 130Page - STMicroelectronics ST92196A Datasheet HTML 131Page - STMicroelectronics ST92196A Datasheet HTML 132Page - STMicroelectronics ST92196A Datasheet HTML 133Page - STMicroelectronics ST92196A Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 268 page
background image
130/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.5.6 Event Line
Address in Segment 22h: 00h (Bits 15:8), 01h (Bits 7:0)
EL[8:0] is a 9-bit number specifying at which TV
line number the character row display should start.
For more details refer to Section 8.5.8.8
Bits 15:8: are at address 00h in Segment 22h.
Bits 7:0 are at address 01h
Bits 15:9 are reserved.
8.5.5.7 First Buffer Start Address
Address in Segment 22h: 02h (Bits 15:8), 03h (Bits 7:0)
To handle the display properly, the user must store
the start address of the first OSDRAM row buffer
(the row buffer containing the first row to be dis-
played when the Display controller is turned on).
Two bytes are reserved for this in the OSDRAM.
(See Figure 59).
Bits 15:8 are at address 02h in Segment 22h
Bits 7:0 are at address 03h
Bits 15:9 are reserved.
As row buffer start addresses are always even ad-
dresses, Bit 0 is forced to 0 by hardware.
15
8
7
0
-
-
-
-
-
-
-
EL8
EL7
EL6
EL5
EL4
EL3
EL2
EL1
EL0
15
8
7
0
-
-
-
-
-
-
-
FSA8 FSA7
FSA6
FSA5
FSA4
FSA3
FSA2
FSA1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com