Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 123Page - STMicroelectronics ST92196A Datasheet HTML 124Page - STMicroelectronics ST92196A Datasheet HTML 125Page - STMicroelectronics ST92196A Datasheet HTML 126Page - STMicroelectronics ST92196A Datasheet HTML 127Page - STMicroelectronics ST92196A Datasheet HTML 128Page - STMicroelectronics ST92196A Datasheet HTML 129Page - STMicroelectronics ST92196A Datasheet HTML 130Page - STMicroelectronics ST92196A Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 268 page
background image
127/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
Figure 60. Parallel Mode Mapping Examples
17Fh
0Fh
0Eh
0Dh
0Ch
0Bh
0Ah
09h
08h
07h
06h
05h
04h
03h
02h
01h
00h
Free for user
Mouse pointer horizontal position (low)
Mouse pointer horizontal position (high)
Mouse pointer vertical position (low)
Mouse pointer vertical position (high)
Mouse coding data (low)
Mouse coding data (high) + foreground color
Underline color set 2 (low)
Underline color set 2 (high)
Underline color set 1 (low)
Underline color set 1 (high)
First buffer start address (low)
First buffer start address (high)
Event line (low)
Event line (high)
4Fh
30h
2Fh
10h
Basic Foreground Palette
Basic Background Palette
56h
57h
58h
59h
Character Code 1
Character Code 2
Palette Attribute 1
9Ch
9Dh
Character Code 36
Palette Attribute 36
53h
52h
51h
50h
Active Range
Row Attributes
Horizontal Shift (low)
Horizontal Shift (high) + Row Char. Count
Next buffer start addr. (low)
Next buffer start addr. (high) + Row mode
54h
55h
A4h
A5h
A6h
A7h
Character Code 1
Palette Attribute 2
Palette Attribute 1
Character Code 2
EAh
EBh
Character Code 36
Palette Attribute 36
A1h
A0h
9Fh
9Eh
Active Range
Row Attributes
Horizontal Shift (low)
Horizontal Shift (high) + Row Char. Number
Next buffer start addr. (low)
Next buffer start addr. (high) + Row mode
A2h
A3h
Free for user
ECh
Palette Attribute 2
17Fh
0Fh
0Eh
0Dh
0Ch
0Bh
0Ah
09h
08h
07h
06h
05h
04h
03h
02h
01h
00h
Mouse pointer horizontal position (low)
Mouse pointer horizontal position (high)
Mouse pointer vertical position (low)
Mouse pointer vertical position (high)
Mouse coding data (low)
Mouse coding data (high) + foreground color
Underline color set 2 (low)
Underline color set 2 (high)
Underline color set 1 (low)
Underline color set 1 (high)
First buffer start address (low)
First buffer start address (high)
Event line (low)
Event line (high)
8Fh
70h
6Fh
50h
4Fh
30h
2Fh
10h
Extended Background Palette
Extended Foreground Palette
Basic Foreground Palette
Basic Background Palette
96h
97h
98h
99h
Character Code 1
Character Code 2
Palette Attribute 1
Shape Attribute 1
FFh
100h
101h
Character Code 36
Palette Attribute 36
Shape Attribute 36
93h
92h
91h
90h
Active Range
Row Attributes
Horizontal Shift (low)
Horizontal Shift (high) + Row Char. Count
Next buffer start addr. (low)
Next buffer start addr. (high) + Row mode
94h
95h
108h
109h
10Ah
10Bh
Character Code 1
Character Code 2
Palette Attribute 1
Shape Attribute 1
171h
172h
173h
Character Code 36
Palette Attribute 36
Shape Attribute 36
105h
104h
103h
102h
Active Range
Row Attributes
Horizontal Shift (low)
Horizontal Shift (high) + Row Char. Number
Next buffer start addr. (low)
Next buffer start addr. (high) + Row mode
106h
107h
Free for user
174h
Basic Parallel Mode
Extended Parallel Mode
Free for user
Memory Segment = 22h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com