Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92196A Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 122Page - STMicroelectronics ST92196A Datasheet HTML 123Page - STMicroelectronics ST92196A Datasheet HTML 124Page - STMicroelectronics ST92196A Datasheet HTML 125Page - STMicroelectronics ST92196A Datasheet HTML 126Page - STMicroelectronics ST92196A Datasheet HTML 127Page - STMicroelectronics ST92196A Datasheet HTML 128Page - STMicroelectronics ST92196A Datasheet HTML 129Page - STMicroelectronics ST92196A Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 268 page
background image
126/268
- ON SCREEN DISPLAY CONTROLLER (OSD)
OSD CONTROLLER (Cont’d)
8.5.5.2 Row Buffer Description
The start address for each buffer must be even.
Starting from address 2p+6, write a string corre-
sponding to the character codes and the possible
attributes as in the example below:
8.5.5.3 OSDRAM Mapping Example 1
The left column of Figure 60 gives an example of
OSDRAM mapping for the following configuration:
– The display uses basic parallel mode
– Only the two basic color palettes are used
– 36 characters are displayed per row
– The First Buffer Start Address (to be stored in
0002h and 0003h) is 0050h
– The Next Buffer Start Address to be stored in
buffer 1 (address 0050h and 0051h) is 409Eh
(009Eh is the address of buffer 2, and 40h is the
code for basic parallel mode. Refer to Section
8.5.8.1).
– The Next Buffer Start Address to be stored in
buffer 2 (address 009Eh and 009Fh) is 4050h
(0050h is the address of buffer 1, and 40h is the
code for basic parallel mode. Refer to Section
8.5.8.1 for more details).
8.5.5.4 OSDRAM Mapping Example 2
The right column of Figure 60 gives an example of
OSDRAM mapping for the following configuration:
– The display uses extended parallel mode
– The four color palettes are used
– 36 characters are displayed per row
– The First Buffer Start Address (to be stored in
0002h and 0003h) is 0090h
– The Next Buffer Start Address to be stored in
buffer 1 (address 0090h and 0091h) is 8102h
(0102h is the address of buffer 2, and 80h is the
code for extended parallel mode. Refer to Sec-
tion 8.5.8.1 for more details).
– The Next Buffer Start Address to be stored in
buffer 2 (address 0102h and 0103h) is 8090h
(0090h is the address of buffer 1, and 80h is the
code for extended parallel mode. Refer to Sec-
tion 8.5.8.1 for more details).
Note: To keep some OSDRAM locations free,
configure only those features that you really use
(color palettes, underline palettes and mouse
pointer data), as shown in the two examples.
Byte
Serial Mode
Basic
Parallel Mode
Extended
Parallel Mode
1
Char or Attrib1
Char1
Char1
2
Char or Attrib2
PaletteAttrib1
PaletteAttrib1
3
Char or Attrib3
Char2
ShapeAttrib1
4
Char or Attrib4
PaletteAttrib2
Char2
5
Char or Attrib5
Char3
PaletteAttrib2
6
Char or Attrib6
PaletteAttrib3
ShapeAttrib2
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com